Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9271 Datasheet HTML 14Page - Analog Devices AD9271 Datasheet HTML 15Page - Analog Devices AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 18 of 58
-108
-107
-106
-105
-104
-103
-102
-101
-100
-99
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vgain (V)
LNA Gain = 5x
LNA Gain = 6x
LNA Gain = 8x
Figure 23. Short-Circuit, Output-Referred Noise vs. VGAIN
52
54
56
58
60
62
64
66
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vgain (V)
SNR (dBFS)
SINAD (dB)
SINAD (dBFS)
Figure 24. SNR/SINAD vs. Gain
1.4
1.45
1.5
1.55
1.6
1.65
1.7
-40
-20
0
20406080
Temperature (C)
Figure 25. Short-Circuit, Input-Referred Noise vs. Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Frequency (MHz)
(1/3)*50MHz
(1/3)*40MHz
(1/3)*25MHz
-3dB line
Figure 26. Antialiasing Filter (AAF) Pass-Band Response
0
50
100
150
200
250
300
350
400
0.1
1
10
100
Analog Input Frequency (MHz)
Vgain = 0.0 V
Vgain = 0.5 V
Vgain = 1.0 V
Figure 27. Antialiasing Filter (AAF) Group Delay Response
-85
-80
-75
-70
-65
-60
-55
-50
2
4
6
8
10
12
14
16
Fin (MHz)
Vgain=0.2V
Vgain=0.5V
Vgain=1V
Figure 28. Second-Order Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com