Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9271 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9271
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9271 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9271 Datasheet HTML 16Page - Analog Devices AD9271 Datasheet HTML 17Page - Analog Devices AD9271 Datasheet HTML 18Page - Analog Devices AD9271 Datasheet HTML 19Page - Analog Devices AD9271 Datasheet HTML 20Page - Analog Devices AD9271 Datasheet HTML 21Page - Analog Devices AD9271 Datasheet HTML 22Page - Analog Devices AD9271 Datasheet HTML 23Page - Analog Devices AD9271 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
AD9271
Preliminary Technical Data
Rev. PrA | Page 20 of 58
THEORY OF OPERATION
ULTRASOUND
The primary application for the AD9271 is medical ultrasound.
Figure 32 shows a simplified block diagram of an ultrasound
system. A critical function of an ultrasound system is the time
gain control (TGC) compensation for physiological signal
attenuation. Because the attenuation of ultrasound signals is
exponential with respect to distance (time), a linear-in-dB VGA
is the optimal solution.
Key requirements in an ultrasound signal chain are very low
noise, active input termination, fast overload recovery, low
power, and differential drive to an ADC. Because ultrasound
machines use beam-forming techniques requiring large binary-
weighted numbers (for example, 32 to 512) of channels, the
lowest power at the lowest possible noise is of key importance.
Most modern machines use digital beam forming. In this
technique, the signal is converted to digital format immediately
following the TGC amplifier; beam forming is done digitally.
The ADC resolution of 12 bits with up to 50 MSPS sampling
satisfies the requirements of both general-purpose and high-
end systems.
Power consumption and low cost are of primary importance in
low-end and portable ultrasound machines, and the AD9271 is
designed for these criteria.
For additional information regarding ultrasound systems, refer
to “How Ultrasound System Considerations Influence Front-End
Component Choice,” Analog Dialogue, Volume 36, Number 3,
May–July 2002.
BEAMFORMER
CENTRAL CONTROL
Rx BEAMFORMER
(B AND F MODES)
COLOR
DOPPLER (PW)
PROCESSING
(F MODE)
IMAGE AND
MOTION
PROCESSING
(B MODE)
SPECTRAL
DOPPLER
PROCESSING
MODE
DISPLAY
AUDIO
OUTPUT
TX BEAMFORMER
CW (ANALOG)
BEAMFORMER
TRANSDUCER
ARRAY
128, 256 ETC.
ELEMENTS
BIDIRECTIONAL
CABLE
HV
MUX/
DEMUX
T/R
SWITCHES
TX HV AMPs
MULTICHANNEL
TGC USES MANY VGAs
TGC
TIME GAIN COMPENSATION
AD9271
AAF
VGA
LNA
ADC
CW
Figure 32. Simplified Ultrasound System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com