Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CCM223 Datasheet HTML 1Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Liquisys M CCM223/253
Endress+Hauser
5
Input
Measured variables
Total chlorine, free chlorine, chlorine dioxide, temperature
pH or ORP (optional)
Cl2/ClO2 measurement
Cable specification
Cl2/ClO2 signal input
Temperature measurement
pH and ORP measurement
Binary inputs
Current input
4 to 20 mA, galvanically separated
Load: 260  at 20 mA (voltage drop 5.2 V)
Display and measuring range
0 to 5 / 0 to 20 mg/l
Application measuring range
CCS120
CCS140/240
CCS141/241
963
0.1 to 10 mg/l
0.05 to 20 mg/l
0.01 to 5 mg/l
0.05 to 5 mg/l
Temperature compensation range
CCS140/240/141/241 and 963
CCS120
2 to 45 °C (36 to 113 °F)
5 to 45 °C (41 to 113 °F)
pH compensation range
for free chlorine
pH 4 to 9
Calibration range
pH 4 to 8
Reference point
for nominal slope
25 °C (77 °F) / pH 7.2
Chlorine/chlorine dioxide sensors
CCS140/141/240/241:
max. 30 m (98 ft) with CMK cable
Chlorine sensor 963:
max. 30 m (98 ft) with MK cable
Total chlorine sensor CCS120:
max. 15 m (49 ft) with CPK9 cable
pH/ORP measurement:
max. 50 m (164 ft) with CYK71 cable
CCS120/140/141/240/241:
0 to 5000 nA
Sensor 963:
-100 to 500 μA
Temperature sensor with
CCS120/140/141/240/241:
NTC, 10 k at 25 °C (77 °F)
Display range
0 to 50 °C (32 to 122 °F)
pH measuring range:
pH 3.5 to 9.5
ORP measuring range:
0 to 1500 mV
Zero point adjustment:
±100 mV
Slope adjustment:
38 to 65 mV/pH
Voltage:
10 ... 50 V
Power consumption:
max. 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com