Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Liquisys M CCM223/253
Endress+Hauser
7
Controller
Alarm
Function (adjustable):
Pulse-length/pulse-frequency controller,
three-point step controller for Cl2/ClO2
Controller response:
P, PI, PD, PID, basic load dosing
Controller gain Kp:
0.01 to 20.00
Integral action time Tn:
0.0 to 999.9 min
Derivative action time Tv:
0.0 to 999.9 min
Period length of pulse-length controller:
0.5 to 999.9 s
Frequency for pulse-frequency controller:
60 to 180 min-1
Basic load:
0 to 40% of max. set value
Motor run time for three-point step controller:
10 to 999 s
Neutral zone for three-point step controller:
0 to 40 %
Function (switchable):
Latching/momentary contact
Alarm threshold adjustment range:
Cl2/ClO2/pH/ORP/temperature:
total measuring range
Alarm delay:
0to2000s (min)
Monitoring time lower limit violation:
0 to 2000 min
Monitoring time upper limit violation:
0 to 2000 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com