Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Liquisys M CCM223/253
Endress+Hauser
11
Sensor connection
Supply voltage
Depending on ordered version:
100/115/230 V AC +10/-15 %, 48 to 62 Hz
24 V AC/DC +20/-15 %
Fieldbus connection
Power consumption
max. 7.5 VA
Mains protection
Fine-wire fuse, medium-slow blow 250 V/3.15 A
Circuit breaker
NOTICE
The device does not have a power switch
‣ You must provide a protected circuit breaker in the vicinity of the device.
‣ This must be a switch or a power-circuit breaker and you must label it as the circuit breaker for the
device.
‣ At the supply point, the power supply for the 24 V versions must be isolated from dangerous live
cables by double or reinforced insulation.
Type of sensor
Cable
Extension
Chlorine / chlorine dioxide sensors
CCS140 / 141 / 240 / 241
3 m (9.8 ft) CMK, fixed cable
VBC junction box +
CMK
Chlorine sensor 963
–
VBC junction box + MK
Temperature sensor for sensor 963
CPK1
Total chlorine sensor CCS120
CPK9-N*A1B
VBC junction box +
CYK71
pH or ORP sensor without temperature
sensor
CPK1 for sensors with GSA plug-in head
CPK9 for sensors with ESA plug-in head
VBC junction box +
CYK71
HART
Supply voltage
n/a, active current outputs
Integrated reverse voltage protection
n/a, active current outputs
PROFIBUS PA
Supply voltage
9 V to 32 V, max. 35 V
Polarity sensitive
no
FISCO/FNICO compliant acc. to IEC 60079-27 no
PROFIBUS DP
Supply voltage
9 V to 32 V, max. 35 V
Polarity sensitive
n/a
FISCO/FNICO compliant acc. to IEC 60079-27 no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com