Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Liquisys M CCM223/253
Endress+Hauser
9
Power supply
Electrical connection
variant 1
The wiring diagram shows the connections of the transmitter with all options
The device is approved for protection class II and is generally operated without protective ground
connection.
The circuits "E" and "I" are not galvanically separated from each other.
a0001903
Electrical connection of the transmitter (version 1)
A
B
C
D
E
F
G
H
*
pH / ORP input (optional)
Sensor CCS140/141/240/241
Sensor 963 (alternative)
Signal output 1 chlorine / chlorine dioxide
Signal output 2 temperature, pH or ORP
Binary input 1 (hold / cleaning)
Proximity switch INS
Binary input 2
Aux. voltage output terminal 85/86 applicable
I
J
K
L
M
N
O
P
Aux. voltage output
Alarm (current-free contact position)
Relay 1 (current-free contact position)
Relay 2 (current-free contact position)
Relay 3 (current-free contact position)
Relay 4 (current-free contact position)
Current input 4 to 20 mA
Power supply
15 V
85
86
81
93
82
94
mA
31
32
mA
mA
33
34
54
55
56
23
24
90
12
11
91
92
S
ClO2
ClO2
Cl2
Cl2
K
A
A
K
K
A
NTC
pH
Red.
Ref.
PA/
PM
10–50 V
41
42
43
47
48
49
57
58
59
51
52
53
L+
L–
N
L1
~=
pH/
Redox
GN
BN
RD
BU
RD
BK
BN
BU
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com