Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Liquisys M CCM223/253
6
Endress+Hauser
Output
Output signal
0/4 to 20 mA, galvanically separated, active
Signal on alarm
2.4 or 22 mA in case of an error
Load
maximum 500 
Transmission range
Resolution
max. 700 digits/mA
Isolation voltage
max. 350 VRMS/500 V DC
Overvoltage protection
according to EN 61000-4-5
Auxiliary voltage output
Contact outputs
Limit contactor
HART
Signal coding
Frequency Shift Keying (FSK) + 0.5 mA via current output
signal
Data transfer rate
1200 Baud
Galvanic isolation
yes
PROFIBUS PA
Signal coding
Manchester Bus Powered (MBP)
Data transfer rate
31.25 kBit/s, voltage mode
Galvanic isolation
yes (IO-Module)
PROFIBUS DP
Signal coding
RS485
Data transfer rate
9.6 kBd, 19.2 kBd, 93.75 kBd, 187.5 kBd, 500 kBd, 1.5 MBd
Galvanic isolation
yes (IO-Module)
Cl2/ClO2:
0 to 10 mg/l for CCS120
0 to 20 mg/l for CCS140/240
0 to 5 mg/l for CCS141/241 and 963
Temperature:
0 to 50 °C (32 to 122 °F)
pH:
pH 4 to 9
ORP:
0 to 1500 mV
Output voltage:
15 V ± 0.6
Output current:
max. 10 mA
Switching current with ohmic load (cos  = 1):
max. 2 A
Switching current with inductive load (cos  = 0.4):max. 2 A
Switching voltage:
max. 250 V AC, 30 V DC
Switching power with ohmic load (cos  = 1):
max. 500 VA AC, 60 W DC
Switching power with inductive load (cos  = 0.4): max. 500 VA AC, 60 W DC
Pickup/dropout delay:
0 to 2000 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com