Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Liquisys M CCM223/253
8
Endress+Hauser
Protocol specific data
HART
Manufacturer ID
11h
Device type code
0096h
Transmitter specific revision
0002h
HART specification
5.0
DD files
www.products.endress.com/hart
Load HART
250 
Device variables
None (dynamic variables PV, SV, only)
Features supported
-
PROFIBUS PA
Manufacturer ID
11h
Ident number
1519h
Device revision
11h
Profile version
2.0
GSD files
www.products.endress.com/profibus
GSD file version
Output values
Main value, temperature value
Input values
Display value of PLC
Features supported
Device locking: The device can be locked by hardware or
software.
PROFIBUS DP
Manufacturer ID
11h
Ident number
151Dh
Profile version
2.0
GSD files
www.products.endress.com/profibus
GSD file version
Output values
Main value, temperature value
Input values
Display value of PLC
Features supported
Device locking: The device can be locked by hardware or
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com