Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 18Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 19Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 20Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 21Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Liquisys M CCM223/253
18
Endress+Hauser
Ordering information
Order code
Enter the following address into your browser to access the relevant product page:
www.products.endress.com/ccm223 or
www.products.endress.com/ccm253
1.
You can choose from the following options on the product page located on the right:
2.
Click "Configure this product".
3.
The configurator opens in a separate window. You can now configure your device and receive the
complete order code that applies for the device.
4.
Afterwards, export the order code as a PDF or Excel file. To do so, click the appropriate button at
the top of the page.
Product structure
Input, software version
EK
Chlorine/chlorine dioxide/total chlorine measurement, basic version
ES
Chlorine/chlorine dioxide/total chlorine measurement, with additional functions (Plus package)
EP
Chlorine/chlorine dioxide/total chlorine measurement, with additional functions (Plus package)
with additional pH or ORP measurement (switchable)
Power supply; approval
0230 V AC
1115 V AC
2
230 V AC; CSA Gen. Purp.
3
115 V AC; CSA Gen. Purp.
5100 V AC
7
24 V AC/DC; CSA Gen. Purp.
824 V AC/DC
Output
0
1 x 20 mA, primary value
1
2 x 20 mA, primary value + secondary value
3PROFIBUS PA
4PROFIBUS DP
5
1 x 20 mA, primary value, HART
6
2 x 20 mA, primary value, HART + secondary value
Additional contacts
05
not selected
10
2 relays (limit/P(ID)/timer)
15
4 relays (limit/P(ID)/Chemoclean) (not with PROFIBUS DP)
16
4 relays (limit/P(ID)/timer) (not with PROFIBUS DP)
20
1 x 4 to 20 mA input + 2 relays (limit/P(ID)/timer)
25
1 x 4 to 20 mA input + 4 relays (limit/P(ID)/Chemoclean) (not with PROFIBUS DP)
26
1 x 4 to 20 mA input + 4 relays (limit/P(ID)/timer) (not with PROFIBUS DP)
Marking
1
Tagging (Tag), see additional spec.
CCM253-
complete order code
CCM223-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com