Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 18Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 19Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 20Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 21Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 22Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 23Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 24Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Liquisys M CCM223/253
20
Endress+Hauser
Accessories
Sensors
CCS120
• Amperometric sensor for total chlorine
• Measuring range 0.1 to 10 mg/l
• Ordering acc. to product structure, www.products.endress.com/ccs120
• Technical Information TI00388C/07/EN
CCS140
• Membrane-covered amperometric sensor for free chlorine
• Measuring range 0.05 to 20 mg/l
• Ordering acc. to product structure, www.products.endress.com/ccs140
• Technical Information TI00058C/07/EN
CCS141
• Membrane-covered amperometric trace sensor for free chlorine
• Measuring range 0.01 to 5 mg/l
• Ordering acc. to product structure, www.products.endress.com/ccs141
• Technical Information TI00058C/07/EN
CCS240
• Membrane-covered amperometric sensor for chlorine dioxide
• Measuring range 0.05 to 20 mg/l
• Ordering acc. to product structure, www.products.endress.com/ccs240
• Technical Information (TI00114C/07/EN)
CCS241
• Membrane-covered amperometric trace sensor for chlorine dioxide
• Measuring range 0.01 to 5 mg/l
• Ordering acc. to product structure, www.products.endress.com/ccs241
• Technical Information (TI00114C/07/EN)
Connection accessories
CYK71 measuring cable
• Non-terminated cable for the connection of sensors or the extension of sensor cables
• Sold by the meter, order numbers:
– non-Ex version, black: 50085333
– Ex version, blue: 51506616
CMK measuring cable
• For cable extension between junction box and transmitter, non terminated, sold by the meter
• Order no. 50005374
CPK1 measuring cable
• For pH/ORP electrodes with GSA plug-in head
• Ordering acc. to product structure, see Technical Information (TI00118C/07/EN)
Measuring cable CPK9-N*A1B internal PM wire
• For sensors with TOP68 plug-in head, for high-temperature and high-pressure applications, IP 68
• Ordering acc. to product structure, see Technical Information (TI 00118C/07/EN)
MK extension cable
• Two-wire signal cable with additional screen and PVC insulation.
• Particularly for the transmission of output signals of transmitters or input signals of controllers and
for temperature measurement.
• Order no. 50000662
Junction box VBC
• Metallic junction box for cable extension,
• Dimensions (W x D x H): 125 x 80 x 54 mm / 4.92 x 3.15 x 2.13 inches
• Order no. 50005181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com