Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 12 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 12 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Liquisys M CCM223/253
12
Endress+Hauser
Performance characteristics
Cl2/ClO2 measurement
Temperature measurement
pH and ORP measurement
Measured value resolution
CCS120/140/240 and 963:
CCS141/241:
0.01 mg/l
0.001 mg/l
Measurement deviation1 display
(pH, T = const.)
CCS140/141/240/241:
CCS120 and 963:
max. 0.5 % of measured value ±4 digits
max. 1 % of measured value ±4 digits
Repeatability:
max. 0.2 % of measuring range
Measurement deviation1 of signal output
max. 0.75 % of current output range
Measured value resolution:
0.1 °C
Measurement deviation1 of display:
±0.3 K
Measurement deviation1 signal output:
max. 1.25 % of current output range
pH measured value resolution:
pH 0.01
ORP measured value resolution:
1 mV
Measurement deviation1) of display pH:
1)
acc. to IEC 60746-1, at nominal operating conditions
pH 0.03
Measurement deviation1) of display ORP:
3 mV
Measurement deviation1) of pH signal
output:
max. 1.25 % of current output range
Measurement deviation1) of ORP signal
output:
max. 1.25 % of current output range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com