Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CCM223 Datasheet HTML 1Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Liquisys M CCM223/253
2
Endress+Hauser
Function and system design
Features of the basic version
(EK)
Measurement of free chlorine, chlorine dioxide and total chlorine
The sensor is selected from the menu. The temperature is displayed but the reading can also be
hidden. The EP version has an alternative feature that allows simultaneous display of the pH and redox
measurements.
Calibration
The CCS140/141 sensors for free chlorine and the CCS240/241 sensors for chlorine dioxide are zero-
current-free and therefore require only single-point calibration. This is carried out by entering a DPD
reference measured value.
The sensor CCS120 is also calibrated by entering a DPD reference measured value. Additionally you can
calibrate the zero point of the sensor CCS120 (recommended for measurements below 0.1 mg/l).
Configuration
Different alarms are required depending on application and operator. Therefore the transmitter
permits independent configuration of the alarm contact and error current for each individual error.
Unnecessary or undesirable alarms can be suppressed in this manner. Up to four contacts Up to two
contacts can be used as limit contacts (also for temperature), to implement a P(ID) controller or for
cleaning functions.
Direct manual operation of the contacts (bypassing the menu) provides quick access to limit, control
or cleaning contacts, permitting speedy correction of deviations.
The serial numbers of the instrument and modules and the order code can be called up on the display.
Additional functions of the
Plus package (ES)
Current output configuration
In order to output wide measuring ranges while still achieving a high resolution in specific ranges, the
current output can be configured as required via a table. This permits bilinear or quasi-logarithmic
curves, etc.
Manual pH compensation for free chlorine
Measurement of free chlorine with amperometric sensors is pH-dependent while DPD measurement
used for calibration is pH-independent. Manual pH compensation means the instrument can also be
used to measure a variable pH value with a slow rate of change.
Process Check System (PCS)
It comprises two independent safety functions:
• Errors in applications without control are detected by monitoring the limit beween plausible and
implausible measured values, i.e. the alarm threshold.
• Errors in applications with control are detected by the controller monitor which monitors freely
adjustable, maximum permissible time intervals and reference value overshoot or undershoot.
Live check
The live check issues an alarm when the sensor signal does not change over a defined period of time.
This may be caused by blocking, passivation, separation from the process, etc.
Additional functions of
version EP
Alternatively measurement of pH or ORP
This extension allows additional measurement of pH value or ORP in an instrument. It also allows
control of the pH value in the process.
Automatic pH compensation means the instrument can also be used to measure a variable pH value
which is subject to frequent changes.
Second current output
The second current output is freely configurable for the output of temperature, of the main measured
value (free chlorine, chlorine dioxide, total chlorine) or actuating variable.
Current input
The current input of the transmitter allows two different applications: controller shut-down in case of
lower flow rate violation or total failure in the main flow as well as feedforward control. Both functions
are also combinable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com