Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM223 Datasheet(PDF) 16 Page - Endress+Hauser Group Services AG

Part # CCM223
Description  Measurement of free chlorine/chlorine dioxide/ total chlorine
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CCM223 Datasheet(HTML) 16 Page - Endress+Hauser Group Services AG

Back Button CCM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 18Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 19Page - Endress+Hauser Group Services AG CCM223 Datasheet HTML 20Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Liquisys M CCM223/253
16
Endress+Hauser
Environment
Ambient temperature
-10 to +55 °C (+14 to +131 °F)
Storage temperature
–25 to +65 °C (-13 to +149 °F)
Electromagnetic
compatibility
Interference emission and interference immunity as per EN 61326-1:2006, EN 61326-2-3:2006
Ingress protection
Electrical safety
according EN/IEC 61010-1:2001, Installation Category II, for use up to 2000 m above sea level
CSA
Apparatus with CSA General Purpose Approval are certified for indoor use.
Relative humidity
10 to 95%, non-condensing
Pollution degree
The product is suitable for pollution degree 2.
Mechanical construction
Dimensions
Weight
Material
Terminals
Panel mounted instrument:
IP 54 (front), IP 30 (housing)
Field instrument:
IP 65 / tightness acc. to NEMA 4X
Panel-mounted instrument:
96 x 96 x 145 mm (3.78 x 3.78 x 5.71 inches)
Installation depth: approx. 165 mm (6.50")
Field instrument:
247 x 170 x 115 mm (9.72 x 6.69 x 4.53 inches)
Panel-mounted instrument:
max. 0.7 kg (1.5 lb)
Field instrument:
max. 2.3 kg (5.1 lb)
Housing of panel-mounted instrument:
Polycarbonate
Field housing:
ABS PC Fr
Front membrane:
Polyester, UV-resistant
Cross section
max. 2.5 mm2 (14 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com