Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6721 Datasheet HTML 1Page - Intersil Corporation ISL6721 Datasheet HTML 2Page - Intersil Corporation ISL6721 Datasheet HTML 3Page - Intersil Corporation ISL6721 Datasheet HTML 4Page - Intersil Corporation ISL6721 Datasheet HTML 5Page - Intersil Corporation ISL6721 Datasheet HTML 6Page - Intersil Corporation ISL6721 Datasheet HTML 7Page - Intersil Corporation ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN9110.4
April 13, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, VC . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
GATE . . . . . . . . . . . . . . . . GND - 0.3V to Gate Output Limit Voltage
PGND to LGND
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per JESD22-A114C.01) . . . . . . . . . . .1250V
Charged Device Model (Per JESD22-C101-A) . . . . . . . . . .1000V
Operating Conditions
Temperature Range
ISL6721Ax . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical, Note 2) . . . . . . . . 9VDC to 18VDC
Thermal Resistance (Typical)
θJA (°C/W)
16 Ld SOIC (Note 1) . . . . . . . . . . . . . . . . . . . . . . . .
80
16 Ld TSSOP (Note 1) . . . . . . . . . . . . . . . . . . . . . . .
105
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(SOIC, TSSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
+150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to +150°C junction may trigger the shutdown of
the device even before +150°C.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are with respect to GND.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematicon page 2 and page 3. 9V < VCC = VC < 20V, RT = 11kΩ, Ct = 330 pF, TA = -40 to +105°C (Note 3),
Typical values are at TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
7.95
8.25
8.55
V
STOP Threshold
7.40
7.70
8.20
V
Hysteresis
0.50
0.55
1.00
V
Start-Up Current, ICC
Vcc < START Threshold
-
100
175
μA
OC/OV Fault Operating Current, ICC
-
200
300
μA
Operating Current, ICC
-
4.5
10.0
mA
Operating Supply Current, IC
Includes 1nF GATE loading
-
8.0
12.0
mA
REFERENCE VOLTAGE
Overall Accuracy
Line, load, 0 to +105°C
Line, load, -40 to +105°C
4.95
4.90
5.00
5.00
5.05
5.05
V
Long Term Stability
TA = +125°C, 1000 hours (Note 5)
-
5
-
mV
Fault Voltage
4.50
4.65
4.75
V
VREF Good Voltage
4.65
4.80
4.95
V
Hysteresis
75
165
250
mV
Operational Current
-10
-
-
mA
Current Limit
-20
-
-
mA
CURRENT SENSE
Input Impedance
-5-
k
Ω
Offset Voltage
0.08
0.10
0.11
V
Input Voltage Range
0-
1.5
V
Blanking Time
(Note 5)
30
60
100
ns
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com