Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6721 Datasheet HTML 1Page - Intersil Corporation ISL6721 Datasheet HTML 2Page - Intersil Corporation ISL6721 Datasheet HTML 3Page - Intersil Corporation ISL6721 Datasheet HTML 4Page - Intersil Corporation ISL6721 Datasheet HTML 5Page - Intersil Corporation ISL6721 Datasheet HTML 6Page - Intersil Corporation ISL6721 Datasheet HTML 7Page - Intersil Corporation ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN9110.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL6721
Flexible Single Ended Current Mode PWM
Controller
The ISL6721 is a low power, single-ended pulse width
modulating (PWM) current mode controller designed for a
wide range of DC/DC conversion applications including
boost, flyback, and isolated output configurations. Peak
current mode control effectively handles power transients
and provides inherent overcurrent protection. Other features
include a low power mode where the supply current drops to
less than 200µA during overvoltage and overcurrent
shutdown faults.
This advanced BiCMOS design features low operating
current, adjustable operating frequency up to 1MHz,
adjustable soft-start, and a bi-directional SYNC signal that
allows the oscillator to be locked to an external clock for
noise sensitive applications.
Features
• 1A MOSFET Gate Driver
•100
μA Startup Current
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency up to 1MHz
• Bi-Directional Synchronization
• Low Power Disable Mode
• Delayed Restart from OV and OC Shutdown Faults
• Adjustable Slope Compensation
• Adjustable Soft-start
• Adjustable Overcurrent Shutdown Delay
• Adjustable UV and OV Monitors
• Leading Edge Blanking
• Integrated Thermal Shutdown
• 1% Tolerance Voltage Reference
• Pb-free Plus Anneal Available (RoHS Compliant)
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• Isolated Buck and Flyback Regulators
• Boost Regulators
Pinout
ISL6721
(16 LD SOIC, TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6721AB*
ISL6721AB
-40 to +105 16 Ld SOIC
M16.15
ISL6721ABZ*
(Note)
6721ABZ
-40 to +105 16 Ld SOIC
(Pb-Free)
M16.15
ISL6721AV*
ISL67 21AV
-40 to +105 16 Ld TSSOP
M16.173
ISL6721AVZ*
(Note)
ISL67 21AVZ -40 to +105 16 Ld TSSOP
(Pb-free)
M16.173
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
GATE
ISENSE
SYNC
SLOPE
UV
OV
RTCT
VC
PGND
VCC
VREF
LGND
SS
COMP
1
2
3
4
5
6
7
16
15
14
13
12
11
10
8
9
ISET
FB
Data Sheet
April 13, 2007


Similar Part No. - ISL6721

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6721 INTERSIL-ISL6721 Datasheet
383Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
Flexible Single-ended Current Mode PWM Controller
More results

Similar Description - ISL6721

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
Flexible Single Ended Current Mode PWM
July 11, 2007
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
Flexible Single-ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com