Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 7Page - Intersil Corporation ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation ISL6721 Datasheet HTML 10Page - Intersil Corporation ISL6721 Datasheet HTML 11Page - Intersil Corporation ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN9110.4
April 13, 2007
results in a control loop that behaves more as a voltage
mode controller than as current mode controller.
The minimum amount of capacitance to place at the SLOPE
pin is:
where tON is the On time and VSLOPE is the amount of
voltage to be added as slope compensation to the current
feedback signal. In general, the amount of slope
compensation added is 2 to 3 times the minimum required.
Example:
Assume the inductor current signal presented at the ISENSE
pin decreases 125mV during the Off period, and:
Switching Frequency, Fsw = 250kHz
Duty Cycle, D = 60%
tON = D/Fsw = 0.6/250E3 = 2.4μs
tOFF = (1 - D)/Fsw = 1.6μs
Determine the downslope:
Downslope = 0.125V/1.6
μs = 78mV/μs. Now determine the
amount of voltage that must be added to the current sense
signal by the end of the On time.
Therefore
An appropriate slope compensation capacitance for this
example would be 1/2 to 1/3 the calculated value, or
between 68pF and 33pF.
Overvoltage and Undervoltage Monitor
The OV and UV signals are inputs to a window comparator
used to monitor the input voltage level to the converter. If the
voltage falls outside of the user designated operating range,
a shutdown fault occurs. For OV faults, the supply current,
ICC, is reduced to 200μA for ~295ms at which time recovery
is attempted. If the fault is cleared, a soft-start cycle begins.
Otherwise another shutdown cycle occurs. A UV condition
also results in a shutdown fault, but the device does not
enter the low power mode and no restart delay occurs when
the fault clears.
A resistor divider between VIN and LGND to each input
determines the operational thresholds. The UV threshold
has a fixed hysteresis of 75mV nominal.
Overcurrent Operation
The overcurrent threshold level is set by the voltage applied
at the ISET pin. Setting the overcurrent level may be
accomplished by using a resistor divider network from VREF
to LGND. The ISET threshold should be set at a level that
corresponds to the desired peak output inductor current plus
the additive effects of slope compensation.
Overcurrent delayed shutdown is enabled once the soft-start
cycle is complete. If an overcurrent condition is detected, the
soft-start charging current source is disabled and the
discharging current source is enabled. The soft-start
capacitor is discharged at a rate of 40
μA. At the same time a
50
μs retriggerable one-shot timer is activated. It remains
active for 50
μs after the overcurrent condition stops. The
soft-start discharge cycle cannot be reset until the one-shot
timer becomes inactive. If the soft-start capacitor discharges
by more then 0.125V to 4.375V, the output is disabled and
the soft-start capacitor is discharged. The output remains
disabled and ICC drops to 200μA for approximately 295ms.
A new soft-start cycle is then initiated. The shutdown and
restart behavior of the OC protection is often referred to as
hic-cup operation due to its repetitive start-up and shutdown
characteristic.
If the overcurrent condition ceases at least 50
μs prior to the
soft-start voltage reaching 4.375V, the soft-start charging
and discharging currents revert to normal operation and the
soft-start voltage is allowed to recover.
Hiccup OC protection may be defeated by setting ISET to a
voltage that exceeds the Error Amplifier current control
voltage, or about 1.5V.
Leading Edge Blanking
The initial 100ns of the current feedback signal input at
ISENSE is removed by the leading edge blanking circuitry.
The blanking period begins when the GATE output leading
edge exceeds 3.0V. Leading edge blanking prevents current
spikes from parasitic elements in the power supply from
causing false trips of the PWM comparator and the
overcurrent comparator.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V, the OV
input exceeds 2.50V, the UV input falls below 1.45V, or the
junction temperature of the die exceeds ~+130°C. When a
Fault is detected the GATE output is disabled and the soft-
start capacitor is quickly discharged. When the Fault
Time
Downslope
Current Sense Signal
TIME
DOWNSLOPE
CURRENT SENSE SIGNAL
FIGURE 5.
C
SLOPE
4.24
6
–
×10
t
ON
V
SLOPE
-----------------------
•
=
F
(EQ. 6)
V
SLOPE
1
2
---
0.078
2.4
•
•
94mV
==
(EQ. 7)
C
SLOPE MIN
()
4.24
6
–
×10
2.4
6
–
×10
0.094
-----------------------
•
110pF
≈
=
(EQ. 8)
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com