Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation ISL6721 Datasheet HTML 17Page - Intersil Corporation ISL6721 Datasheet HTML 18Page - Intersil Corporation ISL6721 Datasheet HTML 19Page - Intersil Corporation ISL6721 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
FN9110.4
April 13, 2007
A block diagram of the feedback control loop follows in
Figure 7.
The loop compensation is placed around the Error Amplifier
(EA) on the secondary side of the converter. The primary
side amplifier located in the control IC is used as a unity gain
inverting amplifier and provides no loop compensation. A
Type 2 error amplifier configuration was selected as a
precaution in case operation in continuous mode should
occur at some operating point.
Development of a small signal model for current mode
control is rather complex. The method of reference [1] was
selected for its ability to accurately predict loop behavior. To
further simplify the analysis, the converter will be modeled as
a single output supply with all of the output capacitance
reflected to the 3.3V output. Once the “single” output system
is compensated, adjustments to the compensation will be
required based on actual loop measurements.
The first parameter to determine is the peak current
feedback loop gain. Since this application is low power, a
resistor in series with the source of the power switching
MOSFET is used for the current feedback signal. For higher
power applications, a resistor would dissipate too much
power and current transformer would be used instead.
There is limited flexibility to adjust the current loop behavior
due to the need to provide overcurrent protection. Current
limit and the current loop gain are determined by the current
sense resistor and the ISET threshold. ISET was set at 1.0V,
near its maximum, to minimize noise effects. When
determining ISET, the internal gain and offset of the ISENSE
signal in the control IC must be taken into account. The
maximum peak primary current was determined earlier to be
1.87A, so a choice of 2.25A peak primary current for current
limit is reasonable. A current gain, AEXT, of 0.5 V/A was
selected to achieve this.
The control to output transfer function may be represented
as [2]
if we ignore the current feedback sampled-data effects.
The value of K may be determined by assuming all of the
output power is delivered by the 3.3V output at the threshold
of current limit. The maximum power allowed was
determined earlier as 15W, so
where AEXT is the external gain of the current feedback
network, ACS is the IC internal gain, and ACOMP is the gain
between the error amplifier and the PWM comparator.
The Type 2 compensation configuration has two poles and
one zero. The first pole is at the origin, and provides the
integration characteristic which results in excellent DC
regulation. Referring to the “Typical Application - 48V Input
Dual Output Flyback, 3.3V @ 2.5A, 1.8V @ 1.0A” on page 3,
FIGURE 7. FEEDBACK CONTROL LOOP
+
-
PWM
POWER
STAGE
Z3
Z4
Z1
Z2
REF
REF
+
-
ISOLATION
ERROR AMPLIFIER
PRIMARY SIDE AMPLIFIER
VOUT
FIGURE 8. TYPE 2 ERROR AMPLIFIER
REF
+
-
VOUT
VERROR
ISET
2.25
0.8
0.5
0.100
+
•
•
1.00
==
V
(EQ. 26)
v
o
v
c
------
K
R
o
L
s
F
sw
•
•
2
-----------------------------------
1
s
ω
z
------
+
1
s
ω
p
-------
+
-----------------
•
•
=
(EQ. 27)
K
I
spk max
()
V
cmax
()
--------------------------
=
(EQ. 28)
R
o
LoadResis
ce
tan
=
(EQ. 29)
L
s
SecondaryInduc
ce
tan
=
(EQ. 30)
ω
p
2
R
o
C
o
•
--------------------
=
or
f
p
1
π R
o
C
o
•
•
-----------------------------
=
(EQ. 31)
ω
z
1
R
c
C
o
•
--------------------
=
or
f
z
1
2
π
•
R
c
C
o
•
•
--------------------------------------
=
(EQ. 32)
C
o
OutputCapaci
ce
tan
=
(EQ. 33)
R
c
OutputCapaci
ceE
tan
SR
=
(EQ. 34)
V
cmax
()
ControlVoltageRange
=
(EQ. 35)
I
spk max
()
2
P
out
V
out
------------
Tsw
•
•
Tr
---------------------------------------
2
15
3.3
--------
5
6
–
×10
•
•
2.33
6
–
×10
------------------------------------------
19.5
==
=
A
(EQ. 36)
v
cmax
()
V
ISENSE
A
EXT
•
A
CS
1
A
COMP
---------------------
•
•
2.93
==
V
(EQ. 37)
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com