Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation ISL6721 Datasheet HTML 17Page - Intersil Corporation ISL6721 Datasheet HTML 18Page - Intersil Corporation ISL6721 Datasheet HTML 19Page - Intersil Corporation ISL6721 Datasheet HTML 20Page - Intersil Corporation ISL6721 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
FN9110.4
April 13, 2007
the remaining pole and zero for the compensator are located
at:
The ratio of R15 to the parallel combination of R17 and R18
determine the mid band gain of the error amplifier.
From Equation 27, it can be seen that the control to output
transfer function frequency dependence is a function of the
output load resistance, the value of output capacitance, and
the output capacitance ESR. These variations must be
considered when compensating the control loop. The worst
case small signal operating point for the converter is at
minimum VIN, maximum load, maximum COUT, and
minimum ESR.
The higher the desired bandwidth of the converter, the more
difficult it is to create a solution that is stable over the entire
operating range. A good rule of thumb is to limit the
bandwidth to about Fsw/4. For this example, the bandwidth
will be further limited due to the low GBWP of the LM431-
based Error Amplifier and the opto-coupler. A bandwidth of
approximately 5kHz was selected.
For the EA compensation, the first pole is placed at the
origin by default (C14 is an integrating capacitor). The first
zero is placed below the crossover frequency, fco, usually
around 1/3 fco. The second pole is placed at the lower of the
ESR zero or at one half of the switching frequency. The
midband gain is then adjusted to obtain the desired
crossover frequency. If the phase margin is not adequate,
the crossover frequency may have to be reduced.
Using this technique to determine the compensation, the
following values for the EA components were selected.
R17 = R18 = R15 = 1kΩ
R20 = open
C13 = 100nF
C14 = 100pF
A Bode plot of the closed loop system at low line, max load
appears below.
f
pc
C
13
C
14
+
2
π R
15
C
14
C
13
•
•
•
•
------------------------------------------------------------
1
2
π R
15
C
14
•
•
•
--------------------------------------------
≈
=
(EQ. 38)
f
zc
1
2
π R
15
C
13
•
•
•
--------------------------------------------
=
(EQ. 39)
A
midband
R
15
R
17
R
18
+
()
•
R
17
R
18
•
------------------------------------------------
=
(EQ. 40)
FIGURE 9A. GAIN
10k
100k
1M
10M
100M
50
40
30
20
10
0
-10
-20
-30
-40
-50
FREQUENCY (Hz)
FIGURE 9B. PHASE MARGIN
10k
100k
1M
10M
100M
-100
-50
0
50
100
150
200
FREQUENCY (Hz)
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com