Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 6Page - Intersil Corporation ISL6721 Datasheet HTML 7Page - Intersil Corporation ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation ISL6721 Datasheet HTML 10Page - Intersil Corporation ISL6721 Datasheet HTML 11Page - Intersil Corporation ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN9110.4
April 13, 2007
VCC to LGND with a ceramic capacitor as close to the VCC
and LGND pins as possible.
The total supply current (IC plus ICC) will be higher,
depending on the load applied to GATE. Total current is the
sum of the quiescent current and the average gate current.
Knowing the operating frequency, Fsw, and the MOSFET
gate charge, Qg, the average GATE output current can be
calculated from:
VREF - The 5.00V reference voltage output. Bypass to
LGND with a 0.01
μF or larger capacitor to filter this output as
needed. Using capacitance less than this value may result in
unstable operation.
SS - Connect the soft-start capacitor between this pin and
LGND to control the duration of soft-start. The value of the
capacitor determines both the rate of increase of the duty
cycle during start up, and also controls the overcurrent
shutdown delay.
ISET - A DC voltage between 0.35 and 1.2V applied to this
input sets the pulse-by-pulse overcurrent threshold. When
overcurrent inception occurs, the SS capacitor begins to
discharge and starts the overcurrent delayed shutdown
cycle.
Functional Description
Features
The ISL6721 current mode PWMs make an ideal choice for
low-cost flyback and forward topology applications requiring
enhanced control and supervisory capability. With adjustable
overvoltage and undervoltage thresholds, overcurrent
threshold, and hic-cup delay, a highly flexible design with
minimal external components is possible. Other features
include peak current mode control, adjustable soft-start,
slope compensation, adjustable oscillator frequency, and a
bi-directional synchronization clock input.
Oscillator
The ISL6721 have a sawtooth oscillator with a
programmable frequency range to 1MHz, which can be
programmed with a resistor and capacitor on the RTCT pin.
(Please refer to
Figure 4 for the resistance and capacitance
required for a given frequency.)
Implementing Synchronization
The oscillator can be synchronized to an external clock
applied at the SYNC pin or by connecting the SYNC pins of
multiple ICs together. If an external master clock signal is
used, it must be at least 65% of the free running frequency of
the oscillator for proper synchronization. The external
master clock signal should have a pulse width greater than
20ns. If no master clock is used, the first device to assert
SYNC assumes control of the SYNC signal. An external
SYNC pulse is ignored if it occurs during the first 1/3 of the
switching cycle.
During normal operation the RTCT voltage charges from 1.5
to 3.0V and back during each cycle. Clock and SYNC
signals are generated when the 3.0V threshold is reached. If
an external clock signal is detected during the latter 2/3 of
the charging cycle, the oscillator switches to external
synchronization mode and relies upon the external SYNC
signal to terminate the oscillator cycle. The generation of a
SYNC signal is inhibited in this mode. If the RTCT voltage
exceeds 4.0V (i.e. no external SYNC signal terminates the
cycle), the oscillator reverts to the internal clock mode and a
SYNC signal is generated.
Soft-Start Operation
The ISL6721 features soft-start using an external capacitor
in conjunction with an internal current source. Soft-start is
used to reduce voltage stresses and surge currents during
start up.
Upon start up, the soft-start circuitry clamps the error
amplifier output (COMP pin) to a value proportional to the
soft-start voltage. The error amplifier output rises as the soft-
start capacitor voltage rises. This has the effect of increasing
the output pulse width from zero to the steady state
operating duty cycle during the soft-start period. When the
soft-start voltage exceeds the error amplifier voltage, soft-
start is completed. Soft-start forces a controlled output
voltage rise. Soft-start occurs during start-up and after
recovery from a fault condition or overcurrent shutdown. The
soft-start voltage is clamped to 4.5V.
Gate Drive
The ISL6721 is capable of sourcing and sinking 1A peak
current. Separate collector supply (VC) and power ground
(PGnd) pins help isolate the IC’s analog circuitry from the
high power gate drive noise. To limit the peak current
through the IC, an external resistor may be placed between
the totem-pole output of the IC (GATE pin) and the gate of
the MOSFET. This small series resistor also damps any
oscillations caused by the resonant tank of the parasitic
inductances in the traces of the board and the FET’s input
capacitance.
Slope Compensation
For applications where the maximum duty cycle is less than
50%, slope compensation may be used to improve noise
immunity, particularly at lighter loads. The amount of slope
compensation required for noise immunity is determined
empirically, but is generally about 10% of the full scale
current feedback signal. For applications where the duty
cycle is greater than 50%, slope compensation is required to
prevent instability. Slope compensation is a technique in
which the current feedback signal is modified by adding
additional slope to it. The minimum amount of slope
compensation required corresponds to 1/2 the inductor
downslope. However, adding excessive slope compensation
(EQ. 5)
Igate
Qg
F
sw
•
=
A
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com