Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation ISL6721 Datasheet HTML 10Page - Intersil Corporation ISL6721 Datasheet HTML 11Page - Intersil Corporation ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
FN9110.4
April 13, 2007
condition clears and the soft-start voltage is below the reset
threshold, a soft-start cycle begins.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the
device. A good ground plane must be employed. A unique
section of the ground plane must be designated for high di/dt
currents associated with the output stage. Power ground
(PGND) can be separated from the logic ground (LGND) and
connected at a single point. VC should be bypassed directly
to PGND with good high frequency capacitors. The return
connection for input power and the bulk input capacitor
should be connected to the PGND ground plane.
Reference Design
The Typical Application Schematic features the ISL6721 in a
conventional dual output 10W discontinuous mode flyback
DC/DC converter. The ISL6721EVAL1 demonstration unit
implements this design and is available for evaluation.
The input voltage range is from 36VDC to 75VDC, and the
two outputs are 3.3V @ 2.5A and 1.8V @ 1.0A. Cross
regulation is achieved using the weighted sum of the two
outputs.
Circuit Element Descriptions
The converter design may be broken down into the following
functional blocks:
Input Storage and Filtering Capacitance: C1, C2, C3
Isolation Transformer: T1
Primary voltage Clamp: CR6, R24, C18
Start Bias Regulator: R1, R2, R6, Q3, VR1
Operating Bias and Regulator: R25, Q2, D1, C5, CR2, D2
Main MOSFET Power Switch: Q1
Current Sense Network: R4, R3, R23, C4
Feedback Network:, R13, R15, R16, R17, R18, R19, R20,
R26, R27, C13, C14, U2, U3
Control Circuit:C7, C8, C9, C10, C11, C12, R5, R6, R8, R9,
R10, R11, R12, R14, R22
Output Rectification and Filtering: CR4, CR5, C15, C16, C19,
C20, C21, C22
Secondary Snubber: R21, C17
Design Criteria
The following design requirements were selected:
Switching Frequency, Fsw: 200kHz
VIN: 36V to 75V
VOUT(1): 3.3V @ 2.5A
VOUT(2): 1.8V @ 1.0A
VOUT(BIAS): 12V @ 50mA
POUT: 10W
Efficiency: 70%
Maximum Duty Cycle, DMAX: 0.45
Transformer Design
The design of a flyback transformer is a non-trivial affair. It is
an iterative process which requires a great deal of
experience to achieve the desired result. It is a process of
many compromises, and even experienced designers will
produce different designs when presented with identical
requirements. The iterative design process is not presented
here for clarity.
The abbreviated design process follows:
• Select a core geometry suitable for the application.
Constraints of height, footprint, mounting preference, and
operating environment will affect the choice.
• Select suitable core material(s).
• Select maximum flux density desired for operation.
• Select core size. Core size will be dictated by the
capability of the core structure to store the required
energy, the number of turns that have to be wound, and
the wire gauge needed. Often the window area (the space
used for the windings) and power loss determine the final
core size. For flyback transformers, the ability to store
energy is the critical factor in determining the core size.
The cross sectional area of the core and the length of the
air gap in the magnetic path determine the energy storage
capability.
• Determine maximum desired flux density. Depending on
the frequency of operation, the core material selected, and
the operating environment, the allowed flux density must
be determined. The decision of what flux density to allow
is often difficult to determine initially. Usually the highest
flux density that produces an acceptable design is used,
but often the winding geometry dictates a larger core than
is required based on flux density and energy storage
calculations.
• Determine the number of primary turns.
• Determine the turns ratio.
• Select the wire gauge for each winding.
• Determine winding order and insulation requirements.
• Verify the design.
Input Power:
Pout/Efficiency = 14.3W (use 15W)
Max On Time: tON(MAX) = DMAX/Fsw = 2.25μs
Average Input Current: IAVG(IN) = PIN/VIN(MIN) = 0.42A
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com