Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 10Page - Intersil Corporation ISL6721 Datasheet HTML 11Page - Intersil Corporation ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation ISL6721 Datasheet HTML 17Page - Intersil Corporation ISL6721 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
FN9110.4
April 13, 2007
The RMS current for the primary winding is 0.72A, for the
3.3V output, 4.23A, for the 1.8V output, 1.69A, and for the
bias winding, 85mA.
To minimize the transformer leakage inductance, the primary
was split into two sections connected in parallel and
positioned such that the other windings were sandwiched
between them. The output windings were configured so that
the 1.8V winding is a tap off of the 3.3V winding. Tapping the
1.8V output requires that the shared portion of the
secondary conduct the combined current of both outputs.
The secondary wire gauge must be selected accordingly.
The determination of current carrying capacity of wire is a
compromise between performance, size, and cost. It is
affected by many design constraints such as operating
frequency (harmonic content of the waveform) and the
winding proximity/geometry. It generally ranges between 250
and 1000 circular mils per ampere. A circular mil is defined
as the area of a circle 0.001” (1 mil) in diameter. As the
frequency of operation increases, the AC resistance of the
wire increases due to skin and proximity effects. Using
heavier gauge wire may not alleviate the problem. Instead
multiple strands of wire in parallel must be used. In some
cases Litz wire is required.
The winding configuration selected is:
Primary #1: 40T, 2 #30 bifilar
Secondary: 5T, 0.003” (3 mil) copper foil tapped at 3T
Bias: 17T #32
Primary #2: 40T, 2 #30 bifilar
The internal spacing and insulation system was designed for
1500VDC dielectric withstand rating between the primary
and secondary windings.
Power MOSFET Selection
Selection of the main switching MOSFET requires
consideration of the voltage and current stresses that will be
encountered in the application, the power dissipated by the
device, its size, and its cost.
The input voltage range of the converter is 36VDC to
75VDC. This suggests a MOSFET with a voltage rating of
150V is required due to the flyback voltage likely to be seen
on the primary of the isolation transformer.
The losses associated with MOSFET operation may be
divided into three categories: conduction, switching, and
gate drive.
The conduction losses are due to the MOSFET’s ON
resistance.
where rDS(ON) is the ON resistance of the MOSFET and
Iprms is the RMS primary current. Determining the
conduction losses is complicated by the variation of rDSON
with temperature. As junction temperature increases, so
does rDS(ON), which increases losses and raises the
junction temperature more, and so on. It is possible for the
device to enter a thermal runaway situation without proper
heatsinking. As a general rule of thumb, doubling the 25°C
rDSON specification yields a reasonable value for estimating
the conduction losses at +125°C junction temperature.
The switching losses have two components, capacitive
switching losses and voltage/current overlap losses. The
capacitive losses occur during turn on of the device and may
be calculated as follows:
where Cfet is the equivalent output capacitance of the
MOSFET. Device output capacitance is specified on
datasheets as Coss and is non-linear with applied voltage.
To find the equivalent discrete capacitance, Cfet, a charge
model is used. Using a known current source, the time
required to charge the MOSFET drain to the desired
operating voltage is determined and the equivalent
capacitance may be calculated.
The other component of the switching loss is due to the
overlap of voltage and current during the switching
transition. A switching transition occurs when the MOSFET
is in the process of either turning on or off. Since the load is
inductive, there is no overlap of voltage and current during
the turn on transition, so only the turn off transition is of
significance. The power dissipation may be estimated as:
where tOL is the duration of the overlap period and x ranges
from about 3 through 6 in typical applications and depends
on where the waveforms intersect. This estimate may predict
higher dissipation than is realized because a portion of the
turn off drain current is attributable to the charging of the
device output capacitance (Coss) and is not dissipative
during this portion of the switching cycle.
Pcond
r
DS ON
() Iprms
2
•
=
W
(EQ. 18)
Pswcap
1
2
---
Cfet
Vin
2
Fsw
•
•
•
=
W
(EQ. 19)
Cfet
Ichg
t
•
V
--------------------
=
F
(EQ. 20)
P
sw
1
x
---
I
PPK
•
V
IN
t
OL
F
sw
•
•
•
≈
(EQ. 21)
V
D- S
Ippk
To l
FIGURE 6. SWITCHING CYCLE
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com