Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 15 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 11Page - Intersil Corporation ISL6721 Datasheet HTML 12Page - Intersil Corporation ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation ISL6721 Datasheet HTML 17Page - Intersil Corporation ISL6721 Datasheet HTML 18Page - Intersil Corporation ISL6721 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
FN9110.4
April 13, 2007
The final component of MOSFET loss is caused by the
charging of the gate capacitance through the device gate
resistance. Depending on the relative value of any external
resistance in the gate drive circuit, a portion of this power will
be dissipated externally.
Once the losses are known, the device package must be
selected and the heatsinking method designed. Since the
design requires a small surface mount part, a SOIC-8
package was selected. A Fairchild FDS2570 MOSFET was
selected based on these criteria. The overall losses are
estimated at 400mW.
Output Filter Design
In a flyback design, the primary concern for the design of the
output filter is the capacitor ripple current stress and the
ripple and noise specification of the output.
The current flowing in and out of the output capacitors is the
difference between the winding current and the output
current. The peak secondary current, ISPK, is 10.73A for the
3.3V output and 4.29A for the 1.8V output. The current
flowing into the output filter capacitor is the difference
between the winding current and the output current. Looking
at the 3.3V output, the peak winding current is
ISPK = 10.73A. The capacitor must store this amount minus
the output current of 2.5A, or 8.23A. The RMS ripple current
in the 3.3V output capacitor is about 3.5A RMS. The RMS
ripple current in the 1.8V output capacitor is about 1.4A RMS
Voltage deviation on the output during the switching cycle
(ripple and noise) is caused by the change in charge of the
output capacitance, the equivalent series resistance (ESR),
and equivalent series inductance (ESL). Each of these
components must be assigned a portion of the total ripple
and noise specification. How much to allow for each
contributor is dependent on the capacitor technology used.
For purposes of this discussion we will assume the following:
3.3V output: 100mV total output ripple and noise
ESR: 60mV
Capacitor
ΔQ: 10mV
ESL: 30mV
1.8V output: 50mV total output ripple and noise
ESR: 30mV
Capacitor
ΔQ: 5mV
ESL: 15mV
For the 3.3V output:
The change in voltage due to the change in charge of the
output capacitor,
ΔQ, determines how much capacitance is
required on the output.
ESL adds to the ripple and noise voltage in proportion to the
rate of change of current into the capacitor (V = L
• di/dt).
Capacitors having high capacitance usually do not have
sufficiently low ESL. High frequency capacitors such as
surface mount ceramic or film are connected in parallel with
the high capacitance capacitors to address the effects of
ESL. A combination of high frequency and high ripple
capability capacitors is used to achieve the desired overall
performance. The analysis of the 1.8V output is similar to
that of the 3.3V output and is omitted for brevity. Two
OSCON 4SEP560M (560
μF) electrolytic capacitors and a
22
μF X5R ceramic 1210 capacitor were selected for both the
3.3 and 1.8V outputs. The 4SEP560M electrolytic capacitors
are each rated at 4520mA ripple current and 13m
Ω of ESR.
The ripple current rating of just one of these capacitors is
adequate, but two are needed to meet the minimum ESR
and capacitance values.
The bias output is of such low power and current that it
places negligible stress on its filter capacitor. A single 0.1
μF
ceramic capacitor was selected.
Control Loop Design
The major components of the feedback control loop are a
programmable shunt regulator, an opto-coupler, and the
inverting amplifier of the ISL6721. The opto-coupler is used
to transfer the error signal across the isolation barrier. The
opto-coupler offers a convenient means to cross the
isolation barrier, but it adds complexity to the feedback
control loop. It adds a pole at about 10kHz and a significant
amount of gain variation due the current transfer ratio (CTR).
The CTR of the opto-coupler varies with initial tolerance,
temperature, forward current, and age.
Pgate
QgVgFsw
•
•
=
W
(EQ. 22)
ESR
ΔV
I
SPK
I
OUT
–
---------------------------------
≤
0.060
10.73
2.5
–
-----------------------------
7.3m
Ω
==
(EQ. 23)
C
Ispk
Iout
–
() Tr
•
2
ΔV
•
----------------------------------------------
≥
10.73
2.5
–
() 2.33
6
–
×10
•
20.010
•
-------------------------------------------------------------------
960
μF
==
(EQ. 24)
L
Vdt
•
di
---------------
≤
0.030
200
9
–
×10
•
10.73
----------------------------------------------
0.56nH
==
(EQ. 25)
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com