Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 13Page - Intersil Corporation ISL6721 Datasheet HTML 14Page - Intersil Corporation ISL6721 Datasheet HTML 15Page - Intersil Corporation ISL6721 Datasheet HTML 16Page - Intersil Corporation ISL6721 Datasheet HTML 17Page - Intersil Corporation ISL6721 Datasheet HTML 18Page - Intersil Corporation ISL6721 Datasheet HTML 19Page - Intersil Corporation ISL6721 Datasheet HTML 20Page - Intersil Corporation ISL6721 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
FN9110.4
April 13, 2007
Regulation Performance
Waveforms
Typical waveforms can be found in Figures 10 through 12.
Figure 10 shows the steady state operation of the sawtooth
oscillator waveform at RTCT (Trace 2), the SYNC output
pulse (Trace 1), and the GATE output to the converter FET
(Trace 3). Figure 11 shows the converter behavior while
operating in an overcurrent fault condition. Trace 1 is the
soft-start voltage, which increases from 0V to 4.5V, at which
point the OC fault function is enabled. The OC condition is
detected and the soft-start capacitor is discharged to the
4.375V OC fault threshold at which point the IC enters the
fault shutdown mode. Trace 2 shows the behavior of the
timing capacitor voltage during a shutdown fault. Most of the
functions of the IC are de-powered during a fault, and the
oscillator is among those functions. During a fault, the IC is
turned off until the restart delay has timed out. After the
delay, power is restored and the IC resumes normal
operation. Trace 3 is the GATE output during the soft-start
cycle and OC fault.
Figure 12 shows the switching FET waveforms during
steady state operation. Trace 1 is drain - source voltage and
Trace 2 is gate - source voltage.
TABLE 1. OUTPUT LOAD REGULATION, VIN = 48V
IOUT (A), 3.3V IOUT (A), 1.8V VOUT (V), 3.3V VOUT (V), 1.8V
0
0.030
3.351
1.825
0.39
0.030
3.281
1.956
0.88
0.030
3.251
1.988
1.38
0.030
3.223
2.014
1.87
0.030
3.204
2.029
2.39
0.030
3.185
2.057
2.89
0030
3.168
2.084
3.37
0.030
3.153
2.103
0
0.52
3.471
1.497
0.39
0.52
3.283
1.800
0.88
0.52
3.254
1.836
1.38
0.52
3.233
1.848
1.87
0.52
3.218
1.855
2.39
0.52
3.203
1.859
2.89
0.52
3.191
1.862
0
1.05
3.619
1.347
0.39
1.05
3.290
1.730
0.88
1.05
3.254
1.785
1.38
1.05
3.235
1.805
1.87
1.05
3.220
1.814
2.39
1.05
3.207
1.820
0
1.55
3.699
1.265
0.39
1.55
3.306
1.682
0.88
1.55
3.260
1.750
1.38
1.55
3.239
1.776
1.87
1.55
3.224
1.789
0
2.07
3.762
1.201
0.39
2.07
3.329
1.645
0.88
2.07
3.270
1.722
1.38
2.07
3.245
1.752
0
2.62
3.819
1.142
0.39
2.62
3.355
1.612
0.88
2.62
3.282
1.697
0
3.14
3.869
1.091
.39
3.14
3.383
1.581
FIGURE 10. TYPICAL WAVEFORMS
NOTE:
Trace 1: SYNC Output
Trace 2: RTCT Sawtooth
Trace 3: GATE Output
FIGURE 11. SOFT-START WITH OVERCURRENT FAULT
NOTE:
Trace 1: SS
Trace 2: RTCT Sawtooth
Trace 3: GATE Output
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com