Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6721 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6721
Description  Flexible Single Ended Current Mode PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6721 Datasheet HTML 2Page - Intersil Corporation ISL6721 Datasheet HTML 3Page - Intersil Corporation ISL6721 Datasheet HTML 4Page - Intersil Corporation ISL6721 Datasheet HTML 5Page - Intersil Corporation ISL6721 Datasheet HTML 6Page - Intersil Corporation ISL6721 Datasheet HTML 7Page - Intersil Corporation ISL6721 Datasheet HTML 8Page - Intersil Corporation ISL6721 Datasheet HTML 9Page - Intersil Corporation ISL6721 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN9110.4
April 13, 2007
Gain, ACS
VSLOPE = 0V, VFB = 2.3V,
VISET = 0.35V, 1.5V
ACS = ΔISET/ΔISENSE
0.77
0.79
0.81
V/V
ERROR AMPLIFIER
Open Loop Voltage Gain
(Note 5)
60
90
-
dB
Gain-Bandwidth Product
(Note 5)
-
15
-
MHz
Reference Voltage Initial Accuracy
VFB = COMP, TA = +25°C (Note 5)
2.465
2.515
2.565
V
Reference Voltage
VFB = COMP
2.44
2.515
2.590
V
COMP to PWM Gain, ACOMP
COMP = 4V, TA = +25°C
0.31
0.33
0.35
V/V
COMP to PWM Offset
COMP = 4V (Note 5)
0.51
0.75
0.88
V
FB Input Bias Current
VFB = 0V
-2
0.1
2
μA
COMP Sink Current
COMP = 1.5V, VFB = 2.7V
2
6
-
mA
COMP Source Current
COMP = 1.5V, VFB = 2.3V
-0.25
-0.5
-
mA
COMP VOH
VFB = 2.3V
4.25
4.4
5.0
V
COMP VOL
VFB = 2.7V
0.4
0.8
1.2
V
PSRR
Frequency = 120Hz (Note 5)
60
80
-
dB
SS Clamp, VCOMP
SS = 2.5V, VFB = 0V, ISET = 2V
2.4
2.5
2.6
V
OSCILLATOR
Frequency Accuracy
289
318
347
kHz
Frequency Variation with VCC
T = +105°C (f20V - f9V)/f9V
T = -40°C (f20V -f9V)/f9V
-2
2
3
3
%
Temperature Stability
(Note 5)
-
8
-
%
Maximum Duty Cycle
(Note 6)
68
75
81
%
Comparator High Threshold - Free Running
-
3.00
-
V
Comparator High Threshold - with External SYNC
(Note 5)
-
4.00
-
V
Comparator Low Threshold
-
1.50
-
V
Discharge Current
0 to +105°C
-40 to +105°C
0.75
0.70
1.0
1.0
1.2
1.2
mA
SYNCHRONIZATION
Input High Threshold
--
2.5
V
Input Pulse Width
25
-
-
nS
Input Frequency Range
(Note 5)
0.65 x Free
Running
-1.0
MHz
Input Impedance
-4.5
-
k
Ω
VOH
RLOAD = 4.5kΩ
2.5
-
-
V
VOL
RLOAD = open
-
-
0.1
V
SYNC Advance
SYNC rising edge to GATE falling
edge, CGATE = CSYNC = 100pF
-25
55
ns
Output Pulse Width
CSYNC = 100pF
50
-
-
ns
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematicon page 2 and page 3. 9V < VCC = VC < 20V, RT = 11kΩ, Ct = 330 pF, TA = -40 to +105°C (Note 3),
Typical values are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com