Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 59 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 55Page - OSRAM GmbH AS7225 Datasheet HTML 56Page - OSRAM GmbH AS7225 Datasheet HTML 57Page - OSRAM GmbH AS7225 Datasheet HTML 58Page - OSRAM GmbH AS7225 Datasheet HTML 59Page - OSRAM GmbH AS7225 Datasheet HTML 60Page - OSRAM GmbH AS7225 Datasheet HTML 61Page - OSRAM GmbH AS7225 Datasheet HTML 62Page - OSRAM GmbH AS7225 Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 58
Command
Direction
Description
Format
Value Range
Default
ATCHANMOD
R/W
Select the channel
mode. After channel
switch, learning is
again necessary
DEZ
CHAN_MODE:
0: DIMMING (CH1)
1: DIMMING (CH1) + COLOR_TUNING
(CH2/3)
2: DIMMING + COLOR_TUNING
(CH2/3)
3 - 15: Reserved, not used yet
0
ATLEARN
R/W
Enables the channel
learn mode. The
maximum ratings will
be saved internally. On
software reset or power
cycle the data will be
available again and
learn mode will be
disabled
DEZ
R: 1 - Learn mode is active
W: Only 1 for activate learn mode
1
ATINTRP
R/W
Enable/Disable
Interrupt Pin, Default
pin state: low (pin
disabled) or high (pin
enabled)
Goes to low when new
channel values are
available. Will be reset
to high, if channel data
were read
DEZ
0 - Disable,
1 - Enable Interrupt pin functionality
0
ATCALC
R/W
Starts new calculation
DEZ
R: 1
– Calculation is running
W: Only 1 for start calculation
0
Control
ATINTTIME
R/W
Set sensor integration
time.
Integration time =
<value> x ~2.8ms
DEZ
1-255
20
ATGAIN
R/W
Set sensor gain: 0=1x
gain, 1=3.7x, 2=16x,
3=64x
DEZ
0-3
1
ATLED0
R/W
Enables or disables the
indication LED
DEZ
0 - LED off / 1
– LED on
1
ATSRST
W
Software reset
-
-
-
ATFRST
W
Factory Reset. Stored
values are reset to
‘Factory’ defaults.
Afterwards a software
reset is started.
-
-
-
Correlated Color Temperature (CCT)
ATCCTT
R/W
Set the color control
target value in integer
(in Kelvin)
DEZ
400-15000
2700
ATCCTC
R
Return the calibrated
CCT value
DEZ
400-15000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com