Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 13Page - OSRAM GmbH AS7225 Datasheet HTML 14Page - OSRAM GmbH AS7225 Datasheet HTML 15Page - OSRAM GmbH AS7225 Datasheet HTML 16Page - OSRAM GmbH AS7225 Datasheet HTML 17Page - OSRAM GmbH AS7225 Datasheet HTML 18Page - OSRAM GmbH AS7225 Datasheet HTML 19Page - OSRAM GmbH AS7225 Datasheet HTML 20Page - OSRAM GmbH AS7225 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
Document Feedback
AS7225
Functional Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 16
K0 = 1/CPL = 0.549855,
K1 = 1.87/CPL = 1.028228
To save the values, write in the console tab, ATLXSL0=0.549855 and ATLXSL1= 1.028228
Overall AS7225 timing generation uses an on chip 16MHz temperature compensated oscillator for
master clock timing.
7.2
Inputs
7.2.1
Mode Pin
The AS7225 MODE pin must be connected to ground (GND) via a 100
Ω resistor (1%) to set the
AS7225 mode of operation. All other MODEs (using other resistor values) are reserved.
7.2.2
Reset
Pulling down the RESN pin for longer than 100 ms resets the AS7225.
Figure 12:
Reset Circuit
7.3
Outputs
7.3.1
Indicator LED
An LED, when connected to pin LED_IND, is used to indicate on state and programming progress of
the device. During companion SPI Flash programming the AS7225 indicator LED is off. When
VDD
CLE
RESN
Reset
Push > 100ms
AS7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com