Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 19Page - OSRAM GmbH AS7225 Datasheet HTML 20Page - OSRAM GmbH AS7225 Datasheet HTML 21Page - OSRAM GmbH AS7225 Datasheet HTML 22Page - OSRAM GmbH AS7225 Datasheet HTML 23Page - OSRAM GmbH AS7225 Datasheet HTML 24Page - OSRAM GmbH AS7225 Datasheet HTML 25Page - OSRAM GmbH AS7225 Datasheet HTML 26Page - OSRAM GmbH AS7225 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Document Feedback
AS7225
I²C Slave Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 22
if ((status &
I2C_AS72XX_SLAVE_RX_VALID) !=
0)
// Read data is ready.
break;
}
// Read the data to complete the operation.
d = i2cm_read(I2C_AS72XX_SLAVE_READ_REG) ;
return d ;s
}
The details of the i2cm_read() and i2cm_write() functions in previous Figures are dependent upon the
nature and implementation of the external I²C master device.
8.4
I²C Slave Timing Characteristics
Figure 14:
Electrical Characteristics of AS7225
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I²C Interface
fSCLK
SCL Clock Frequency
0
100
400
kHz
tBUF
Bus Free Time
Between a STOP and
START
1.3
μs
tHD:STA
Hold Time
(Repeated) Start
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
μs
tHIGH
HIGH Period of SCL
Clock
0.6
μs
tSU:STA
Setup Time for a
Repeated START
0.6
μs
tHD:DAT
Data Hold Time
0
0.9
μs
tSU:DAT
Data Setup Time
100
ns
tR
Rise Time of Both
SDA and SCL
20
300
ns
tF
Fall Time of Both
SDA and SCL
20
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com