Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 25Page - OSRAM GmbH AS7225 Datasheet HTML 26Page - OSRAM GmbH AS7225 Datasheet HTML 27Page - OSRAM GmbH AS7225 Datasheet HTML 28Page - OSRAM GmbH AS7225 Datasheet HTML 29Page - OSRAM GmbH AS7225 Datasheet HTML 30Page - OSRAM GmbH AS7225 Datasheet HTML 31Page - OSRAM GmbH AS7225 Datasheet HTML 32Page - OSRAM GmbH AS7225 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Document Feedback
AS7225
I²C Master Interface (Local Sensor Interface)
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 28
Random Read and Sequential Read are combined formats. The repeated START condition is used to
change the direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is
idle. The START condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the first SCL pulse after
the acknowledge bit of the word address transfer. After the reception of the device-read address, the
slave becomes the transmitter. In this state, the slave transmits register data located by the previous
received word address vector. The master responds to the data byte with a not-acknowledge, and
issues a STOP condition on the bus.
Figure 21:
I²C Sequential Read
Figure 21 shows the format of an I²C sequential read access. Sequential Read is the extended form of
Random Read, as more than one register-data bytes are transferred subsequently. In difference to the
Random Read, for a sequential read the transferred register-data bytes are responded by an
acknowledgement from the master. The number of data bytes transferred in one sequence is unlimited
(consider the behavior of the word-address counter). To terminate the transmission the master has to
send a not-acknowledge following the last data byte and generate the STOP condition subsequently.
The AS7225 is compatible to the NXP two wire specifications.
http://www.nxp.com/documents/user_manual/UM10204.pdf Version 4.0 Feb 2012 for standard mode
and fast mode.
9.5
I²C Master Timing Characteristics
Figure 22:
I²C Master Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I²C Interface
fSCLK
SCL Clock Frequency
400
400
kHz
tBUF
Bus Free Time Between a
STOP and START
1.3
µs
tHD:STA
Hold Time (Repeated)
START
0.6
µs
tLOW
LOW Period of SCL Clock
1.3
µs
S
SW
A
WA
A
SR
A
A
N
Read WA++
Read WA++
WA++
S
r
Data 1
Data n
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com