Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 72 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 72 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 68Page - OSRAM GmbH AS7225 Datasheet HTML 69Page - OSRAM GmbH AS7225 Datasheet HTML 70Page - OSRAM GmbH AS7225 Datasheet HTML 71Page - OSRAM GmbH AS7225 Datasheet HTML 72Page - OSRAM GmbH AS7225 Datasheet HTML 73Page - OSRAM GmbH AS7225 Datasheet HTML 74Page - OSRAM GmbH AS7225 Datasheet HTML 75Page - OSRAM GmbH AS7225 Datasheet HTML 76Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
Document Feedback
AS7225
Soldering & Storage Information
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 71
Parameter
Reference
Device
Time above Tpeak
– 10 °C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
260 °C
Temperature gradient in cooling
Max −5 °C/s
16.1
Manufacturing Process Considerations
The AS7225 package is compatible with standard reflow no-clean and cleaning processes including
aqueous, solvent or ultrasonic techniques. However, as an open-aperture device, precautions must be
taken to avoid particulate or solvent contamination as a result of any manufacturing processes,
including pick and place, reflow, cleaning, integration assembly and/or testing. Temporary covering of
the aperture is allowed. To avoid degradation of accuracy or performance in the end product, care
should be taken that any temporary covering and associated sealants/debris are thoroughly removed
prior to any optical testing or final packaging.
16.2
Storage Information
Moisture sensitivity optical characteristics of the device can be adversely affected during the soldering
process by the release and vaporization of moisture that has been previously absorbed into the
package. To ensure the package contains the smallest amount of absorbed moisture possible, each
device is baked prior to being dry packed for shipping. Devices are dry packed in a sealed aluminized
envelope called a moisture-barrier bag with silica gel to protect them from ambient moisture during
shipping, handling, and storage before use.
16.2.1
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date
code on the bag when stored under the following conditions:
●
Shelf Life: 12 months
●
Ambient Temperature: <40 °C
●
Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed the 12 month shelf life or the Humidity
Indicator Card shows that the devices were exposed to conditions beyond the allowable moisture
region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com