Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 33Page - OSRAM GmbH AS7225 Datasheet HTML 34Page - OSRAM GmbH AS7225 Datasheet HTML 35Page - OSRAM GmbH AS7225 Datasheet HTML 36Page - OSRAM GmbH AS7225 Datasheet HTML 37Page - OSRAM GmbH AS7225 Datasheet HTML 38Page - OSRAM GmbH AS7225 Datasheet HTML 39Page - OSRAM GmbH AS7225 Datasheet HTML 40Page - OSRAM GmbH AS7225 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
Document Feedback
AS7225
Register Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 36
10.2.7
External Device Status Register (Address 0x4F)
Figure 33:
ESP Register
Addr: 0x4F
ESP
Bit
Bit Name
Default
Access
Bit Description
7
RSVD
-
-
Reserved
6
ESP
-
R
1= An external ALS is
available (TSL25721 or
TSL45315)
5:0
RSVD
-
-
Reserved
10.2.8
Director Configuration Register (Address 0x60)
Figure 34:
DIR_CONF Register
Addr: 0x60 (R/W)
DIR_CONF
Bit
Bit Name
Default
Access
Bit Description
7:4
CHAN_MODE
-
R/W
Select channel mode
0= Daylighting (CH1)
1= Daylighting (CH1) + Color
Tuning (CH2/3)
2= Daylighting + Color
Tuning (CH2/3)
3-15= Reserved, do not use
1
INT
-
R/W
1= Enable interrupt pin
0= Disable
0
LEARN
-
R/W
1= Activate learn mode
Cleared by AS7225
automatically after being set
and device reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com