Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 74 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 74 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 68Page - OSRAM GmbH AS7225 Datasheet HTML 69Page - OSRAM GmbH AS7225 Datasheet HTML 70Page - OSRAM GmbH AS7225 Datasheet HTML 71Page - OSRAM GmbH AS7225 Datasheet HTML 72Page - OSRAM GmbH AS7225 Datasheet HTML 73Page - OSRAM GmbH AS7225 Datasheet HTML 74Page - OSRAM GmbH AS7225 Datasheet HTML 75Page - OSRAM GmbH AS7225 Datasheet HTML 76Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
Document Feedback
AS7225
Revision Information
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 73
17
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams AG standard warranty as
given in the General Terms of Trade, but these products have been
superseded and should not be used for new designs
Changes from previous version to current revision v2-00
Page
TSL25721 added to TSL45315
3, 4, 15, 26, 36,
44, 45, 57, 59
1.2 Applications updated
4
1.3 Block Diagram updated
5
2 Ordering Information updated
6
3.1 Pin Diagram updated
7
3.2 Pin Description updated
7, 8
4 Absolute Maximum Ratings updated
9
5 Electrical Characteristics updated
10
6 Optical Characteristics updated
11, 12
7.1 Calibrated XYZ Chromatic Smart Lighting Director
– Overview updated
14, 15
7.1 Calibrated XYZ Chromatic Smart Lighting Director
– Calibration TSL2572
added
15, 16
7.3.1 Indicator LED updated
16, 17
8.4 I²C Slave Timing Characteristics updated
22, 23
8.6. I²
C Virtual Registers section headline “XYZ Scale Registers” added
25
9.5 I²C Master Timing Characteristics fsclk updated
28, 29
10.1
Register Overview section headline “XYZ Scale Registers” added
30, 31, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com