Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 12Page - OSRAM GmbH AS7225 Datasheet HTML 13Page - OSRAM GmbH AS7225 Datasheet HTML 14Page - OSRAM GmbH AS7225 Datasheet HTML 15Page - OSRAM GmbH AS7225 Datasheet HTML 16Page - OSRAM GmbH AS7225 Datasheet HTML 17Page - OSRAM GmbH AS7225 Datasheet HTML 18Page - OSRAM GmbH AS7225 Datasheet HTML 19Page - OSRAM GmbH AS7225 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Document Feedback
AS7225
Functional Description
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 15
The AS7225 initial setup and ongoing parameter storage is automatically done by software within the
required external serial Flash memory, via SPI bus. Only ams-verified models of Flash devices can be
supported. A subset of supported devices is noted in the UART Command Interface section of this
document, which also provides a reference to the current list of supported Flash memory devices. For
the Flash memory, overview please refer to Figure 83. A SPI Flash device is a required operating
companion to the AS7225. Using other devices can cause communication issues and may not be
compatible. Flash timing is provided in Figure 81 and Figure 82.
A binary image software configuration tool is available from ams to allow the luminaire, lamp or driver
manufacturer to create their own “factory default” conditions that will be integrated with the ams–
supplied initial binary image to create a ready-to-program default Flash image. The configuration tool
is available from https://download.ams.com (see Smart Lighting Command Interface section).
XYZ white color point measurement is accomplished via nano-optic interference filters, which deliver a
CIE standard-observer type spectral response. As an extension of the CMOS processing of the
device, the filters are extremely stable over time and temperature. To minimize off-angle light
exposure and ensure accuracy, the AS7225 LGA package contains an internal aperture that limits the
sensor field of view (PFOV) of ± 20.5°, as shown in the Figure 1 above. External optics can be used
as needed to expand or reduce this built in PFOV.
For daylight operation, the AS7225 can be used two ways. As a standalone device pointing out of the
luminaire, or if pointing inward for white color, it can support daylighting operation by using an I²C
master connected (ams TSL25721 or TSL45315) for ambient light sensing. In either case, the AS7225
is the daylighting engine and directs the external MCU.
TSL25721 device combines a channel 0 (CH0) which is responsive to both visible and infrared light,
and channel 1 (CH1) which is responsive primarily to infrared light. Therefore, to get the LUX, a
calibration is necessary. In this calibration, both channels has to be considered. First counts per lux
(CPL) needs to be calculated in this calibration method.
Counts per LUX (CPL):
������������������ =
������������0 − (1.87 ∗ ������������1)
������������������
Calibration scalar:
������������������ = ������0 ∗ ������������������0 − ������1 ∗ ������������������1
Default setting K0 is 0.2178 (normal sunlight conditions in Europe in May, 1m distance to a window). If
K0=0, the result for K1 will be inverted to prevent negative LUX values. At different light conditions,
this value has to adjust.
Example:
Spectrometer value = 9764 Lux,
CH0 = 22870,
CH1 = 2734
→ CPL = 1.8186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com