Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 73 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 73 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 68Page - OSRAM GmbH AS7225 Datasheet HTML 69Page - OSRAM GmbH AS7225 Datasheet HTML 70Page - OSRAM GmbH AS7225 Datasheet HTML 71Page - OSRAM GmbH AS7225 Datasheet HTML 72Page - OSRAM GmbH AS7225 Datasheet HTML 73Page - OSRAM GmbH AS7225 Datasheet HTML 74Page - OSRAM GmbH AS7225 Datasheet HTML 75Page - OSRAM GmbH AS7225 Datasheet HTML 76Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
Document Feedback
AS7225
Soldering & Storage Information
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 72
16.2.2
Floor Life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life of
devices removed from the moisture barrier bag is 168 hours from the time the bag was opened,
provided that the devices are stored under the following conditions:
●
Floor Life: 168 hours
●
Ambient Temperature: <30 °C
●
Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have been exceeded, the devices must be
rebaked prior to solder reflow or dry packing.
16.3
Rebaking Instructions
When the shelf life or floor life limits have been exceeded, rebake at 50 °C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com