Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7225 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # AS7225
Description  Calibrated XYZ Chromatic Smart Lighting Director
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7225 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button AS7225 Datasheet HTML 56Page - OSRAM GmbH AS7225 Datasheet HTML 57Page - OSRAM GmbH AS7225 Datasheet HTML 58Page - OSRAM GmbH AS7225 Datasheet HTML 59Page - OSRAM GmbH AS7225 Datasheet HTML 60Page - OSRAM GmbH AS7225 Datasheet HTML 61Page - OSRAM GmbH AS7225 Datasheet HTML 62Page - OSRAM GmbH AS7225 Datasheet HTML 63Page - OSRAM GmbH AS7225 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
Document Feedback
AS7225
Smart Lighting Command Interface
Datasheet
• PUBLIC
DS000496
• v2-00 • 2019-Jun-28
75
│ 59
Command
Direction
Description
Format
Value Range
Default
Daylight Harvesting / Illumination Control
ATLUXT
R/W
Set illumination target
LUX value
DEZ
0-64000
400
ATLUXC
R
Read the internal or
external LUX value (if
connected)
Information: External
ALS LUX value will be
calculated every
700ms, internal ALS
LUX dependence on
the configured
integration time
DEZ
0-64000,
65535
– LUX value is in saturation
-
Calibration Values
ATNORMGAIN
R/W
Set/Get the gain which
the calibration values
were measured
DEZ
Same as ATGAIN
1
ATNORMINTT
R/W
Set/Get the integration
time which the
calibration values were
measured
DEZ
Same as ATINTTIME
59
ATIRXS
R/W
Write IR scalar for
value X
DEZ
-
p2ram
value
0.0
ATIRYS
R/W
Write IR scalar for
value Y
DEZ
-
p2ram
value
0.0
ATIRZS
R/W
Write IR scalar for
value Z
DEZ
-
p2ram
value
0.0
ATCMxy
R/W
Write 3x3 color matrix
to flash, x,y = [0..2]
DEZ
-
p2ram
value
1,0,0
0,1,0
0,0,1
ATAMxy
R/W
Write 3x3 application
matrix to flash,
x,y = [0..2]
DEZ
-
1,0,0
0,1,0
0,0,1
ATLXSL0
R/W
Write a calibration
scalar K0 for external
ambient light sensor
Formula
K0 & K1>0:
LUX=K0*ADC0-
K1*ADC1
K0=0: LUX=K1*ADC1
K1=0:
LUX=K0*ADC0
(TSL2572 only)
DEZ
≥0
0.2178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com