Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 14Page - OSRAM GmbH AS7343 Datasheet HTML 15Page - OSRAM GmbH AS7343 Datasheet HTML 16Page - OSRAM GmbH AS7343 Datasheet HTML 17Page - OSRAM GmbH AS7343 Datasheet HTML 18Page - OSRAM GmbH AS7343 Datasheet HTML 19Page - OSRAM GmbH AS7343 Datasheet HTML 20Page - OSRAM GmbH AS7343 Datasheet HTML 21Page - OSRAM GmbH AS7343 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Document Feedback
AS7343
Functional Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 17
8.2
Sensor Array
The device features a 5x5-photodiode array. On top and below the photodiode array there are two
photodiodes with dedicated functions such as flicker detection (
“FD”) and near- infrared response
(
“NIR”). The photodiode “C” represents a photodiode without filter and is responsive in the visible
spectral range
(“VIS”).
Figure 14:
Sensor Array
8.3
GPIO
The GPIO can be used synchronization input to start/stop the spectral measurement. It also allows
synchronizing the LED driver (LDR) with an external start/stop signal. Default state of the GPIO is
“output”.
8.4
Interrupt (INT)
The interrupt (INT) can be used to define thresholds and read-out the device only when the channel
threshold has been reached. The pin is active low.
8.5
LED Driver (LDR)
The LED driver is programmable and can be used to drive external LEDs. It is also possible to
synchronize the LED driver with an external start/stop signal via pin GPIO.
F3
FD
NIR
FY
F1
F2
F4
F6
520µm
FD
NIR
C
C
C
C
F
5
F3
F
5
F6
F7
X
L
F4
F1
F8
F8
F7
X
L
F2
FY
FZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com