Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 44Page - OSRAM GmbH AS7343 Datasheet HTML 45Page - OSRAM GmbH AS7343 Datasheet HTML 46Page - OSRAM GmbH AS7343 Datasheet HTML 47Page - OSRAM GmbH AS7343 Datasheet HTML 48Page - OSRAM GmbH AS7343 Datasheet HTML 49Page - OSRAM GmbH AS7343 Datasheet HTML 50Page - OSRAM GmbH AS7343 Datasheet HTML 51Page - OSRAM GmbH AS7343 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 47
FIFO_CFG0 Register (Address 0xDF)
Figure 60:
FIFO_CFG0 Register
Addr: 0xDF
FIFO_CFG0
Bit
Bit Name
Default
Access
Bit Description
7
FIFO_WRITE_FD
0
RW
FIFO Write Flicker Detection
If set flicker raw data is written into FIFO (one byte
per sample).
Note: This bit is ignored if flicker detection is
disabled. Refer to register 0xFC for FDEN=”0”.
6:0
Reserved
0100001
Reserved, do not change
FIFO_LVL Register (Address 0xFD)
Figure 61:
FIFO_LVL Register
Addr: 0xFD
FIFO_LVL
Bit
Bit Name
Default
Access
Bit Description
7:0
FIFO_LVL
0
R
FIFO Buffer Level.
Indicates the number of entries (each are 2 bytes)
available in the FIFO buffer waiting for readout. The
FIFO RAM is 256 byte, the FIFO_LVL range is from
0 entries to 128 entries.
FDATA Register (Address 0xFE and 0xFF)
Figure 62:
FDATA_L Register
Addr: 0xFE
FDATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
FDATA
0
R
FIFO Buffer Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com