Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 35Page - OSRAM GmbH AS7343 Datasheet HTML 36Page - OSRAM GmbH AS7343 Datasheet HTML 37Page - OSRAM GmbH AS7343 Datasheet HTML 38Page - OSRAM GmbH AS7343 Datasheet HTML 39Page - OSRAM GmbH AS7343 Datasheet HTML 40Page - OSRAM GmbH AS7343 Datasheet HTML 41Page - OSRAM GmbH AS7343 Datasheet HTML 42Page - OSRAM GmbH AS7343 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 38
Addr: 0x93
STATUS
Bit
Bit Name
Default
Access
Bit Description
If SIEN is set, indicates that system interrupt is set.
Refer to Status 5 register.
STATUS 2 Register (Address 0x90)
Figure 45:
STATUS 2 Register
Addr: 0x90
STATUS 2
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
Reserved
6
AVALID
0
R
Spectral Valid.
Indicates that the spectral measurement has been
completed
5
Reserved
0
Reserved
4
ASAT_DIGITAL
0
R
Digital Saturation.
Indicates that the maximum counter value has been
reached. Maximum counter value depends on
integration time set in the ATIME register.
3
ASAT_ANALOG
0
R
Analog Saturation.
Indicates that the intensity of ambient light has
exceeded the maximum integration level for the
spectral analog circuit.
2
Reserved
0
R
Reserved
1
FDSAT_ANALOG
0
R
Flicker Detect Analog Saturation.
Indicates that the intensity of ambient light has
exceeded the maximum integration level for the
analog circuit for flicker detection.
0
FDSAT_DIGITAL
0
R
Flicker Detect Digital Saturation.
Indicates that the maximum counter value has been
reached during flicker detection.
STATUS 3 Register (Address 0x91)
Figure 46:
STATUS 3 Register
Addr: 0x91
STATUS 3
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
0
Reserved
5
INT_SP_H
0
R
Spectral Interrupt High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com