Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 37Page - OSRAM GmbH AS7343 Datasheet HTML 38Page - OSRAM GmbH AS7343 Datasheet HTML 39Page - OSRAM GmbH AS7343 Datasheet HTML 40Page - OSRAM GmbH AS7343 Datasheet HTML 41Page - OSRAM GmbH AS7343 Datasheet HTML 42Page - OSRAM GmbH AS7343 Datasheet HTML 43Page - OSRAM GmbH AS7343 Datasheet HTML 44Page - OSRAM GmbH AS7343 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 40
Addr: 0xBC
STATUS 4
Bit
Bit Name
Default
Access
Bit Description
3
Reserved
0
Reserved
2
SP_TRIG
0
R
Spectral Trigger Error.
Indicates that there is a timing error. The WTIME is
too short for the selected ATIME.
1
SAI_ACTIVE
0
R
Sleep after Interrupt Active.
Indicates that the device is in SLEEP due to an
interrupt. To exit SLEEP mode, clear this bit.
0
INT_BUSY
0
R
Initialization Busy.
Indicates that the device is initializing. This bit will
remain 1 for about 300
μs after power on. Do not
interact with the device until initialization is complete.
FD_STATUS Register (Address 0xE3)
Figure 49:
FD_STATUS Register
Addr: 0xE3
FD_STATUS
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
Reserved
5
FD_MEASUREMENT_VALID
0
R
Flicker Detection Measurement Valid.
Indicates that flicker detection measurement is
complete. Write 1 to this bit to clear this field.
4
FD_SATURATION_DETECTED
0
R
Flicker Saturation Detected.
Indicates that saturation occurred during the last
flicker detection measurement, and the result may
not be valid. Write 1 to this bit to clear this field.
3
FD_120Hz_FLICKER_VALID
0
R
Flicker Detection 120 Hz Flicker Valid.
Indicates that the 120 Hz flicker detection calculation
is valid. Write 1 to this bit to clear this field.
2
FD_100Hz_FLICKER_VALID
0
R
Flicker Detection 100 Hz Flicker Valid.
Indicates that the 100 Hz flicker detection calculation
is valid. Write 1 to this bit to clear this field.
1
FD_120Hz_FLICKER
0
R
Flicker Detected at 120 Hz.
Indicates if an ambient light source is flickering at
120 Hz.
0
FD_100Hz_FLICKER
0
R
Flicker Detected at 100 Hz.
Indicates if an ambient light source is flickering at
100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com