Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 41Page - OSRAM GmbH AS7343 Datasheet HTML 42Page - OSRAM GmbH AS7343 Datasheet HTML 43Page - OSRAM GmbH AS7343 Datasheet HTML 44Page - OSRAM GmbH AS7343 Datasheet HTML 45Page - OSRAM GmbH AS7343 Datasheet HTML 46Page - OSRAM GmbH AS7343 Datasheet HTML 47Page - OSRAM GmbH AS7343 Datasheet HTML 48Page - OSRAM GmbH AS7343 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 44
CFG20 Register (Address 0xD6)
Figure 57:
CFG20 Register
Addr: 0xD6
CFG20
Bit
Bit Name
Default
Access
Bit Description
7
FD_FIFO_8b
0
RW
Enable 8-bit FIFO Mode for Flicker Detection.
0: Disabled
1: Enabled
Note: FD_TIME must be smaller than 256, else
flicker data might be larger than 8 bit. In that case
flicker data gets saturated to 0xFF.
6:5
auto_smux
0
RW
Automatic Channel Read-Out
0: 6 Channel
FZ, FY, FXL, NIR, 2xVIS, FD
1: Reserved;
2: Automatic 12 channel
Cycle 1: FZ, FY, FXL, NIR, 2xVIS, FD
Cycle 2: F2, F3, F4, F6, 2xVIS, FD
3: Automatic 18 channel
Cycle 1: FZ, FY, FXL, NIR, 2xVIS, FD
Cycle 2: F2, F3, F4, F6, 2xVIS, FD
Cycle 3: F1, F7, F8, F5, 2xVIS, FD
Note: T
he bit “auto_smux” should only be changed
before a measurement is started.
Once a measurement is started, the device is
automatically processing the channels as per
definition above and storing the measurement
results in the eighteen data registers.
2xVIS: P
er default the “Top Left” and “Both Right”
VIS/CLEAR PD is read-out.
4:0
Reserved
Reserved
PERS Register (Address 0xCF)
Figure 58:
PERS Register
Addr: 0xCF
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
Reserved
3:0
APERS
0
RW
Spectral Interrupt Persistence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com