Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 43 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 43 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 39Page - OSRAM GmbH AS7343 Datasheet HTML 40Page - OSRAM GmbH AS7343 Datasheet HTML 41Page - OSRAM GmbH AS7343 Datasheet HTML 42Page - OSRAM GmbH AS7343 Datasheet HTML 43Page - OSRAM GmbH AS7343 Datasheet HTML 44Page - OSRAM GmbH AS7343 Datasheet HTML 45Page - OSRAM GmbH AS7343 Datasheet HTML 46Page - OSRAM GmbH AS7343 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 42
10.2.8
Miscellaneous Configuration
CFG0 Register (Address 0xBF)
Figure 53:
CFG0 Register
Addr: 0xBF
CFG0
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
0
Reserved
5
LOW_POWER
0
RW
Low Power Idle.
When asserted, the device will automatically run in a
low power mode whenever all functions are in wait
states or disabled.
4
REG_BANK
0
RW
Register Bank Access
0: Register access to register 0x80 and above
1: Register access to register 0x20 to 0x7F
Note: Bit needs to be set to access registers 0x20 to
0x7F. If registers 0x80 and above needs to be
accessed,
bit needs to be set to “0”.
3
Reserved
0
Reserved
2
WLONG
0
RW
Trigger Long.
Increases the WTIME setting by a factor of 16.
1:0
Reserved
0
Reserved
CFG3 Register (Address 0xC7)
Figure 54:
CFG3 Register
Addr: 0xC7
CFG3
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
Reserved
4
SAI
0
RW
Sleep After Interrupt.
If set, the oscillator is turned off whenever an
interrupt is active. SAI_ACTIVE is set in this event.
To activate the oscillator again, clear all interrupts
and clear the SAI_ACTIVE bit.
3:0
Reserved
0xC
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com