Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 21Page - OSRAM GmbH AS7343 Datasheet HTML 22Page - OSRAM GmbH AS7343 Datasheet HTML 23Page - OSRAM GmbH AS7343 Datasheet HTML 24Page - OSRAM GmbH AS7343 Datasheet HTML 25Page - OSRAM GmbH AS7343 Datasheet HTML 26Page - OSRAM GmbH AS7343 Datasheet HTML 27Page - OSRAM GmbH AS7343 Datasheet HTML 28Page - OSRAM GmbH AS7343 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 24
10.2
Detailed Register Description
For easier readability, the detailed register description is done in groups of registers related to
dedicated device functions. This is not necessarily related to its register address.
Explanation of register access abbreviations:
RW = Read or write
R = Read only
W = Write only
SC = Self-clearing after access
10.2.1
Enable and Configuration Registers
The following registers are needed to power up and configure the device. To operate the device set bit
PON = “1” first (register 0x80) after that configure the device and enable interrupts before setting
SP_EN
= “1”. Changing configuration while SP_EN = “1” may result in invalid results.
ENABLE Register (Address 0x80)
Figure 21:
ENABLE Register
Addr: 0x80
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved
6
FDEN
0
RW
Flicker Detection Enable.
0: Flicker Detection disabled
1: Flicker Detection enabled
5
Reserved
0
RW
Reserved
4
SMUXEN
0
RW
SMUX Enable.
1: Starts SMUX command
Note: This bit gets cleared automatically as soon as
SMUX operation is finished
3
WEN
0
RW
Wait Enable.
0: Wait time between two consecutive spectral
measurements disabled
1: Wait time between two consecutive spectral
measurements enabled
2
Reserved
0
RW
Reserved
1
SP_EN
0
RW
Spectral Measurement Enable.
0: Spectral Measurement Disabled
1: Spectral Measurement Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com