Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 16Page - OSRAM GmbH AS7343 Datasheet HTML 17Page - OSRAM GmbH AS7343 Datasheet HTML 18Page - OSRAM GmbH AS7343 Datasheet HTML 19Page - OSRAM GmbH AS7343 Datasheet HTML 20Page - OSRAM GmbH AS7343 Datasheet HTML 21Page - OSRAM GmbH AS7343 Datasheet HTML 22Page - OSRAM GmbH AS7343 Datasheet HTML 23Page - OSRAM GmbH AS7343 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Document Feedback
AS7343
I²C Interface
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 19
9.2
I²C Write Transaction
A Write transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS WRITE,
DATA BYTE(S), and STOP (P). Following each byte (9TH clock pulse) the slave places an
ACKNOWLEDGE/NOT- ACKNOWLEDGE (A/N) on the bus. If the slave transmits N, the master may
issue a STOP.
Figure 16:
I²C Byte Write
9.3
I²C Read Transaction
A Read transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS,
RESTART, CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but the final byte the
master places an ACK on the bus (9TH clock pulse). Termination of the Read transaction is indicated
by a NACK being placed on the bus by the master, followed by STOP.
Figure 17:
I²C Read
9.4
Timing Characteristics
Figure 18:
I²C Timing Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fSCL
I²C clock frequency
1
MHz
tBUF
Bus free time between start and stop
condition
1.3
µs
tHD;STA
Hold time after (repeated) start condition.
After this period, the first clock is generated.
0.6
A
DW
S
WA
A
reg_data
P
WA++
A
A
DW
S
WA
A Sr
P
DR
A
data
N
RA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com