Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 29Page - OSRAM GmbH AS7343 Datasheet HTML 30Page - OSRAM GmbH AS7343 Datasheet HTML 31Page - OSRAM GmbH AS7343 Datasheet HTML 32Page - OSRAM GmbH AS7343 Datasheet HTML 33Page - OSRAM GmbH AS7343 Datasheet HTML 34Page - OSRAM GmbH AS7343 Datasheet HTML 35Page - OSRAM GmbH AS7343 Datasheet HTML 36Page - OSRAM GmbH AS7343 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 32
Addr: 0x65
CFG10
Bit
Bit Name
Default
Access
Bit Description
2:0
FD_PERS
2
RW
Flicker Detect Persistence.
Sets the number of consecutive flicker detect results
that must be different before the flicker detect status
will be changed. Flicker detection interrupts on SINT
are affected by this setting. Flicker detect
persistence is equal to
2(������������_������������������������−1)
Setting “0” equals to every time.
AZ_CONFIG Register (Address 0xDE)
The following register configures how often the spectral engine offsets are reset (auto zero) to
compensate for changes of the device temperature. The typical time auto zero needs to be completed
is 15 ms.
Figure 33:
AZ_CONFIG Register
Addr: 0xDE
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7:0
AZ_NTH_ITERATION
255
RW
AUTOZERO FREQUENCY.
Sets the frequency at which the device performs auto
zero of the spectral engines.
Note: If FD
EN = “1” auto zero is also done for ADC 5.
The flicker detection measurement will be interrupted
and restarted in this case.
VALUE
AUTOZERO FREQUENCY
0
Never (not recommended)
1
Every integration cycle
2
Every 2 cycles
Every “AZ_NTH_ITERATION” cycle
254
Every 254 cycles
255
Only before first measurement cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com