Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 26Page - OSRAM GmbH AS7343 Datasheet HTML 27Page - OSRAM GmbH AS7343 Datasheet HTML 28Page - OSRAM GmbH AS7343 Datasheet HTML 29Page - OSRAM GmbH AS7343 Datasheet HTML 30Page - OSRAM GmbH AS7343 Datasheet HTML 31Page - OSRAM GmbH AS7343 Datasheet HTML 32Page - OSRAM GmbH AS7343 Datasheet HTML 33Page - OSRAM GmbH AS7343 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 29
Addr: 0x83
WTIME
Bit
Bit Name
Default
Access
Bit Description
0x01
2
5.56 ms
n
n
2.78 ms x (n+1)
0xff
256
711 ms
FD_TIME Register (Address 0xE0, 0xE2)
The register FD_Time_1 and FD_Time_2 can be used to configure the integration time and gain (ADC
5) of the flicker detection independently from the other ADCs. The FD_TIME register is an 11-bit
register with the MSB in register 0xDA (bit 10:8) and the LSB in register 0xD8 (bit 7:0). The bit FDEN
(register 0x80) must be set to “1” in order to use the FD_TIME registers. If the bit FDEN is not set,
ADC5 runs automatically with the same gain and integration time as ADC0 to ADC4.
Equation 3: Calculating the flicker detection integration time
������������������������_������������ = ������������_������������������������ × 2.78 µ������
Figure 29:
FD_Time_1 Register
Addr: 0xE0
FD_TIME_1
Bit
Bit Name
Default
Access
Bit Description
7:0
FD_TIME [7:0]
0110 0111
RW
LSB of flicker detection integration time.
Note: Must not be changed during FDEN = 1 and
PON = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com