Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS7343
Description  14-Channel Multi-Spectral Sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS7343 Datasheet HTML 20Page - OSRAM GmbH AS7343 Datasheet HTML 21Page - OSRAM GmbH AS7343 Datasheet HTML 22Page - OSRAM GmbH AS7343 Datasheet HTML 23Page - OSRAM GmbH AS7343 Datasheet HTML 24Page - OSRAM GmbH AS7343 Datasheet HTML 25Page - OSRAM GmbH AS7343 Datasheet HTML 26Page - OSRAM GmbH AS7343 Datasheet HTML 27Page - OSRAM GmbH AS7343 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
Document Feedback
AS7343
Register Description
Datasheet
• PUBLIC
DS001046
• v6-00 • 2023-Jun-07
57
│ 23
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0xC6
CFG1
AGAIN[4:0]
0xC7
CFG3
SAI
0xF5
CFG6
SMUX_
CMD[4:3]
0xC9
CFG8
FIFO_TH [7:6]
0xCA
CFG9
SIEN
_FD
SIEN
_SMUX
0x65
CFG10
FD_PERS [2:0]
0xCF
PERS
APERS [3:0]
0x6B
GPIO
GPIO_
INV
GPIO_
IN_EN
GPIO_
OUT
GPIO_
IN
0xD4
ASTEP
ASTEP [7:0]
0xD5
ASTEP [15:8]
0xD6
CFG20
FD_FIF
O_8b
auto_SMUX
0xCD
LED
LED_A
CT
LED_DRIVE [6:0]
0xD7
AGC_GAIN_
MAX
AGC_FD_GAIN_MAX [7:4]
0xDE
AZ_CONFIG
AT_NTH_ITERATION [7:0]
0xE0
FD_TIME_1
FD_TIME [7:0]
0xE2
FD_TIME_2
FD_GAIN [7:3]
FD_TIME [10:8]
0xDF
FD_CFG0
FIFO_
WRITE
_FD
0xE3
FD_STATUS
FD_
VALID
FD_
SAT
FD_
120Hz_
VALID
FD_
100Hz_
VALID
FD_
120Hz
FD_
100Hz
0xF9
INTENAB
ASIEN
SP_IEN
FIEN
SIEN
0xFA
CONTROL
SW_
RESET
SP_MAN
_AZ
FIFO_
CLR
CLEAR_
SAI_ACT
0xFC
FIFO_MAP
FIFO_WRITE_CH5_DATA
– FIFO_WRITE_CH0_DATA [6:1]
ASTATU
S
0xFD
FIFO_LVL
FIFO_LVL [7:0]
0xFE
FDATA
FDATA_L [7:0]
0xFF
FDATA_H [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com