Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 5Page - OSRAM GmbH TSL2568 Datasheet HTML 6Page - OSRAM GmbH TSL2568 Datasheet HTML 7Page - OSRAM GmbH TSL2568 Datasheet HTML 8Page - OSRAM GmbH TSL2568 Datasheet HTML 9Page - OSRAM GmbH TSL2568 Datasheet HTML 10Page - OSRAM GmbH TSL2568 Datasheet HTML 11Page - OSRAM GmbH TSL2568 Datasheet HTML 12Page - OSRAM GmbH TSL2568 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
T S L2 568 , T S L256 9 − Electrical Characteristics
Figure 9:
Operating Characteristics, High Gain (16×), VDD = 3V, TA = 25°C (unless otherwise noted)
(1), (2), (3), (4)
Symbol
Parameter
Test Conditions
Channel
TSL2568T,
TSL2569T
TSL2568CS,
TSL2569CS
Unit
Min
Typ
Max
Min
Typ
Max
fOSC
Oscillator frequency
690
735
780
690
735
780
kHz
Dark ADC count value
Ee = 0, Tint = 402ms
Ch0
0
8
0
8
counts
Ch1
0
8
0
8
Full scale ADC count
value (5)
Tint > 178ms
Ch0
65535
65535
counts
Ch1
65535
65535
Tint = 101ms
Ch0
37177
37177
Ch1
37177
37177
Tint = 13.7ms
Ch0
5047
5047
Ch1
5047
5047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com