Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 28Page - OSRAM GmbH TSL2568 Datasheet HTML 29Page - OSRAM GmbH TSL2568 Datasheet HTML 30Page - OSRAM GmbH TSL2568 Datasheet HTML 31Page - OSRAM GmbH TSL2568 Datasheet HTML 32Page - OSRAM GmbH TSL2568 Datasheet HTML 33Page - OSRAM GmbH TSL2568 Datasheet HTML 34Page - OSRAM GmbH TSL2568 Datasheet HTML 35Page - OSRAM GmbH TSL2568 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
ams Datasheet
Page 31
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Application Information: Software
Basic Operation
After applying VDD, the device will initially be in the
power-down state. To operate the device, issue a command to
access the Control Register followed by the data value 03h to
power up the device. At this point, both ADC channels will begin
a conversion at the default integration time of 400ms. After
400ms, the conversion results will be available in the DATA0 and
DATA1 registers. Use the following pseudo code to read the data
registers:
// Read ADC Channels Using Read Word Protocol − RECOMMENDED
Address = 0x39
//Slave addr – also 0x29 or 0x49
//Address the Ch0 lower data register and configure for Read Word
Command = 0xAC
//Set Command bit and Word bit
//Reads two bytes from sequential registers 0x0C and 0x0D
//Results are returned in DataLow and DataHigh variables
ReadWord (Address, Command, DataLow, DataHigh)
Channel0 = 256 * DataHigh + DataLow
//Address the Ch1 lower data register and configure for Read Word
Command = 0xAE
//Set bit fields 7 and 5
//Reads two bytes from sequential registers 0x0E and 0x0F
//Results are returned in DataLow and DataHigh variables
ReadWord (Address, Command, DataLow, DataHigh)
Channel1 = 256 * DataHigh + DataLow
//Shift DataHigh to upper byte
// Read ADC Channels Using Read Byte Protocol
Address = 0x39
//Slave addr − also 0x29 or 0x49
Command = 0x8C
//Address the Ch0 lower data register
ReadByte (Address, Command, DataLow)
//Result returned in DataLow
Command = 0x8D
//Address the Ch0 upper data register
ReadByte (Address, Command, DataHigh)
//Result returned in DataHigh
Channel0 = 256 * DataHigh + DataLow
//Shift DataHigh to upper byte
Command = 0x8E
//Address the Ch1 lower data register
ReadByte (Address, Command, DataLow)
//Result returned in DataLow
Command = 0x8F
//Address the Ch1 upper data register
ReadByte (Address, Command, DataHigh)
//Result returned in DataHigh
Channel1 = 256 * DataHigh + DataLow
//Shift DataHigh to upper byte
Application Information:
Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com