Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 31Page - OSRAM GmbH TSL2568 Datasheet HTML 32Page - OSRAM GmbH TSL2568 Datasheet HTML 33Page - OSRAM GmbH TSL2568 Datasheet HTML 34Page - OSRAM GmbH TSL2568 Datasheet HTML 35Page - OSRAM GmbH TSL2568 Datasheet HTML 36Page - OSRAM GmbH TSL2568 Datasheet HTML 37Page - OSRAM GmbH TSL2568 Datasheet HTML 38Page - OSRAM GmbH TSL2568 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Application Information: Software
An interrupt will be generated upon completion of each
conversion. The interrupt threshold registers are ignored. The
following example illustrates the configuration of a level
interrupt:
// Set up end-of-conversion interrupt, Level style
Address = 0x39
//Slave addr also 0x29 or 0x49
Command = 0x86
//Address Interrupt Register
Data = 0x10
//Level style, every ADC cycle
WriteByte (Address, Command, Data))
The following example pseudo code illustrates the
configuration of an SMB Alert style interrupt when the light
intensity changes 20% from the current value, and persists for
3 conversion cycles:
// Read current light level
Address = 0x39
//Slave addr also 0x29 or 0x49
Command = 0xAC
//Set Command bit and Word bit
ReadWord (Address, Command, DataLow, DataHigh)
Channel0 = (256 * DataHigh) + DataLow
//Calculate upper and lower thresholds
T_Upper = Channel0 + (0.2 * Channel0)
T_Lower = Channel0 – (0.2 * Channel0)
//Write the lower threshold register
Command = 0xA2
//Addr lower threshold reg, set Word Bit
WriteWord (Address, Command, T_Lower.LoByte, T_Lower.HiByte)
//Write the upper threshold register
Command = 0xA4
//Addr upper threshold reg, set Word bit
WriteWord (Address, Command, T_Upper.LoByte, T_Upper.HiByte)
//Enable interrupt
Command = 0x86
//Address interrupt register
Data = 0x23
//SMBAlert style, PERSIST = 3
WriteByte (Address, Command, Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com