Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 25Page - OSRAM GmbH TSL2568 Datasheet HTML 26Page - OSRAM GmbH TSL2568 Datasheet HTML 27Page - OSRAM GmbH TSL2568 Datasheet HTML 28Page - OSRAM GmbH TSL2568 Datasheet HTML 29Page - OSRAM GmbH TSL2568 Datasheet HTML 30Page - OSRAM GmbH TSL2568 Datasheet HTML 31Page - OSRAM GmbH TSL2568 Datasheet HTML 32Page - OSRAM GmbH TSL2568 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
Figure 34:
Interrupt Control Select
Note(s):
1. Field value of 11 may be used to test interrupt connectivity in a system or to assist in debugging interrupt service routine software.
Figure 35:
Interrupt Persistence Select
INTR Field Value
Read Value
00
Interrupt output disabled
01
Level Interrupt
10
SMBAlert compliant
11
Test Mode: Sets interrupt and functions as mode 10
Persist Field Value
Interrupt Persist Function
0000
Every ADC cycle generates interrupt
0001
Any value outside of threshold range
0010
2 integration time periods out of range
0011
3 integration time periods out of range
0100
4 integration time periods out of range
0101
5 integration time periods out of range
0110
6 integration time periods out of range
0111
7 integration time periods out of range
1000
8 integration time periods out of range
1001
9 integration time periods out of range
1010
10 integration time periods out of range
1011
11 integration time periods out of range
1100
12 integration time periods out of range
1101
13 integration time periods out of range
1110
14 integration time periods out of range
1111
15 integration time periods out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com