Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 5 Page - OSRAM GmbH

  TSL2568 Datasheet HTML 1Page - OSRAM GmbH TSL2568 Datasheet HTML 2Page - OSRAM GmbH TSL2568 Datasheet HTML 3Page - OSRAM GmbH TSL2568 Datasheet HTML 4Page - OSRAM GmbH TSL2568 Datasheet HTML 5Page - OSRAM GmbH TSL2568 Datasheet HTML 6Page - OSRAM GmbH TSL2568 Datasheet HTML 7Page - OSRAM GmbH TSL2568 Datasheet HTML 8Page - OSRAM GmbH TSL2568 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Detailed Description
The TSL2568 and TSL2569 are second-generation ambient light
sensor devices. Each contains two integrating analog-to-digital
converters (ADC) that integrate currents from two photodiodes.
Integration of both channels occurs simultaneously. Upon
completion of the conversion cycle, the conversion result is
transferred to the Channel 0 and Channel 1 data registers,
respectively. The transfers are double-buffered to ensure that
the integrity of the data is maintained. After the transfer, the
device automatically begins the next integration cycle.
Communication to the device is accomplished through a
standard, two-wire SMBus or I²C serial bus. Consequently, the
TSL256x device can be easily connected to a microcontroller or
embedded controller. No external circuitry is required for signal
conditioning, thereby saving PCB real estate as well. Since the
output of the TSL256x device is digital, the output is effectively
immune to noise when compared to an analog signal.
The TSL256x devices also support an interrupt feature that
simplifies and improves system efficiency by eliminating the
need to poll a sensor for a light intensity value. The primary
purpose of the interrupt function is to detect a meaningful
change in light intensity. The concept of a meaningful change
can be defined by the user both in terms of light intensity and
time, or persistence, of that change in intensity. The TSL256x
devices have the ability to define a threshold above and below
the current light level. An interrupt is generated when the value
of a conversion exceeds either of these limits.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com